Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS441RG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BTS441RG
Description  Smart Power High-Side-Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS441RG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BTS441RG Datasheet HTML 2Page - Infineon Technologies AG BTS441RG Datasheet HTML 3Page - Infineon Technologies AG BTS441RG Datasheet HTML 4Page - Infineon Technologies AG BTS441RG Datasheet HTML 5Page - Infineon Technologies AG BTS441RG Datasheet HTML 6Page - Infineon Technologies AG BTS441RG Datasheet HTML 7Page - Infineon Technologies AG BTS441RG Datasheet HTML 8Page - Infineon Technologies AG BTS441RG Datasheet HTML 9Page - Infineon Technologies AG BTS441RG Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BTS441RG
Data sheet
6
Rev. 1.21, 2012-12-06
Electrical Characteristics
Parameter and Conditions
Symbol
Values
Unit
at
Tj =-40...+150°C, Vbb = 12 V unless otherwise specified
min
typ
max
Load Switching Capabilities and Characteristics
On-state resistance (Vbb (pin3) to OUT (pin5));
I
L = 2 A Vbb≥7V
:
Tj=25 °C:
Tj=150 °C:
see diagram page 9
RON
--
15
28
20
37
m
Ω
Nominal load current (pin 3 to 5)
‘ISO 10483-1, 6.7:
V
ON=0.5V, TC=85°C
IL(ISO)
17
21
--
A
Output current (pin 5) while GND disconnected or
GND pulled up6), Vbb=30 V, VIN= 0,
see diagram page 7
IL(GNDhigh)
--
--
2
mA
Turn-on time
IN
to 90%
VOUT:
Turn-off time
IN
to 10%
VOUT:
RL = 12 Ω,
ton
toff
40
40
90
110
200
250
μs
Slew rate on
10 to 30%
VOUT, RL = 12 Ω,
d
V /dton
0.1
--
1
V/
μs
Slew rate off
70 to 40%
VOUT, RL = 12 Ω,
-d
V/dtoff
0.1
--
1
V/
μs
Operating Parameters
Operating voltage
Tj =-40°C
Tj =+25°C
Tj =+105°C6)
Tj =+150°C
Vbb(on)
4.75
4.75
4.75
5.0
--
--
--
--
41
43
43
43
V
Overvoltage protection7)
Tj =-40°C:
Ibb = 40 mA
Tj =+25...+150°C:
Vbb(AZ)
41
43
--
47
--
52
V
Standby current (pin 3) 8)
Tj=-40...+25°C:
Tj=+105°C6):
VIN=0 see diagram page 9
Tj=+150°C:
Ibb(off)
--
--
--
5
--
--
10
10
25
μA
Off-State output current (included in
Ibb(off))
VIN=0
IL(off)
--
1.5
10
μA
Operating current (Pin 1)9),
VIN=5 V,
IGND
--
2
4
mA
6)
not subject to production test, specified by design
7)
see also
VON(CL) in table of protection functions and circuit diagram page 7
8)
Measured with load, typ. 40 µA when no load in off
9)
Add
IST, if IST > 0, add IIN, if VIN>5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com