Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1851 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1851
Description  Ground Fault Interrupter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1851 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1851 Datasheet HTML 1Page - National Semiconductor (TI) LM1851 Datasheet HTML 2Page - National Semiconductor (TI) LM1851 Datasheet HTML 3Page - National Semiconductor (TI) LM1851 Datasheet HTML 4Page - National Semiconductor (TI) LM1851 Datasheet HTML 5Page - National Semiconductor (TI) LM1851 Datasheet HTML 6Page - National Semiconductor (TI) LM1851 Datasheet HTML 7Page - National Semiconductor (TI) LM1851 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Application Circuits
A typical ground fault interrupter circuit is shown in
Figure 2
It is designed to operate on 120 VAC line voltage with 5 mA
normal fault sensitivity
A full-wave rectifier bridge and a 15k2W resistor are used
to supply the DC power required by the IC A 1 mF capacitor
at pin 8 used to filter the ripple of the supply voltage and is
also connected across the SCR to allow firing of the SCR on
either half-cycle When a fault causes the SCR to trigger
the circuit breaker is energized and line voltage is removed
from the load At this time no fault current flows and the IC
discharge current increases from ITH to 3ITH (see Circuit
Description and Block Diagram) This quickly resets both
the timing capacitor and the output latch At this time the
circuit breaker can be reset and the line voltage again sup-
plied to the load assuming the fault has been removed A
10001 sense transformer is used to detect the normal fault
The fault current which is basically the difference current
between the hot and neutral lines is stepped down by 1000
and fed into the input pins of the operational amplifier
through a 10 mF capacitor The 00033 mF capacitor be-
tween pin 2 and pin 3 and the 200 pF between pins 3 and 4
are added to obtain better noise immunity The normal fault
sensitivity is determined by the timing capacitor discharging
current ITH ITH can be calculated by
ITHe
7V
RSET
d
2
(1)
At the decision point the average fault current just equals
the threshold current ITH
ITHe
If(rms)
2
c
091
(2)
where If(rms) is the rms input fault current to the operational
amp and the factor of 2 is due to the fact that If charges the
timing capacitor only during one half-cycle while ITH dis-
charges the capacitor continuously The factor 091 con-
verts the rms value to an average value Combining equa-
tions (1) and (2) we have
RSETe
7V
If(rms)c091
(3)
For example to obtain 5 mA(rms) sensitivity for the circuit in
Figure 2 we have
RSETe
7V
5mAc091
1000
e
15M X
(4)
The correct value for RSET can also be determined from the
characteristic curve that plots equation (3) Note that this is
an approximate calculation the exact value of RSET de-
pends on the specific sense transformer used and LM1851
tolerances Inasmuch as UL943 specifies a sensitivity ‘‘win-
dow’’ of 4 mA – 6 mA provision should be made to adjust
RSET on a per-product basis
Independent of setting sensitivity the desired integration
time can be obtained through proper selection of the timing
capacitor Ct Due to the large number of variables involved
proper selection of Ct is best done empirically The following
design example then should only be used as a guideline
Assume the goal is to meet UL943 timing requirements
Also assume that worst case timing occurs during GF1
start-up (S1 closure) with both a heavy normal fault and a
2X grounded neutral fault present This situation is shown dia-
gramatically below
TLH5177 – 5
UL943 specifies s25 ms average trip time under these con-
ditions Calculation of Ct based upon charging currents due
to normal fault only is as follows
s
25 ms Specification
b
3 ms GFI turn-on time (15k and 1 mF)
b
8 ms Potential loss of one half-cycle due to fault current
sense of half-cycles only
b
4 ms Time required to open a sluggish circuit breaker
s
10 ms Maximum integration time that could be allowed
8 ms Value of integration time that accommodates com-
ponent tolerances and other variables
Ct e
I c T
V
(5)
where T e integration time
V e threshold voltage
I e average fault current into Ct
I e
120VAC(rms)
RB
J c  RN
RG a RN
J
X
YX
Y
heavy fault
portion of
current generated
fault current
(swamps ITH)
shunted
around GFI
c
 1turn
1000 turns
J c 12J c (091)
(6)
X
YX YX Y
current
Ct charging
rms to
division of
on half-
average
input sense
cycles only
conversion
transformer
therefore
Cte 
120
500
J c  04
16a04
J c  11000J c 12Jc(091)( c00008
175
(7)
Cte 001 mF
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com