Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1851 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1851
Description  Ground Fault Interrupter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1851 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM1851 Datasheet HTML 1Page - National Semiconductor (TI) LM1851 Datasheet HTML 2Page - National Semiconductor (TI) LM1851 Datasheet HTML 3Page - National Semiconductor (TI) LM1851 Datasheet HTML 4Page - National Semiconductor (TI) LM1851 Datasheet HTML 5Page - National Semiconductor (TI) LM1851 Datasheet HTML 6Page - National Semiconductor (TI) LM1851 Datasheet HTML 7Page - National Semiconductor (TI) LM1851 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Current
19 mA
Power Dissipation (Note 1)
1250 mW
Operating Temperature Range
b
40 Cto a70 C
Storage Temperature Range
b
55 Cto a150 C
Soldering Information
Dual-In-Line Package (10 sec)
260 C
Small Outline Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
See AN-450 ‘‘Surface Mounting and Their Effects on Prod-
uct Reliability’’ for other methods of soldering surface
mount devices
DC Electrical Characteristics TAe25 C ISSe5mA
Parameter
Conditions
Min
Typ
Max
Units
Power Supply Shunt
Pin 8 Average Value
22
26
30
V
Regulator Voltage
Latch Trigger Voltage
Pin 7
15
175
20
V
Sensitivity Set Voltage
Pin 8 to Pin 6
6
7
82
V
Output Drive Current
Pin 1 With Fault
05
1
24
mA
Output Saturation Voltage
Pin 1 Without Fault
100
240
mV
Output Saturation Resistance
Pin 1 Without Fault
100
X
Output External Current
Pin 1 Without Fault
20
5
mA
Sinking Capability
Vpin 1 Held to 03V (Note 4)
Noise Integration
Pin 7 Ratio of Discharge
Sink Current Ratio
Currents Between No Fault
20
28
36
m
A mA
and Fault Conditions
AC Electrical Characteristics TAe25 C ISSe5mA
Parameter
Conditions
Min
Typ
Max
Units
Normal Fault Current
Figure 1 (Note 3)
3
5
7
mA
Sensitivity
Normal Fault Trip Time
500X Fault
Figure 2 (Note 2)
18
ms
Normal Fault with
500X Normal Fault
18
ms
Grounded Neutral Fault
2X Neutral
Figure 2 (Note 2)
Trip Time
Note 1
For operation in ambient temperatures above 25 C the device must be derated based on a 125 C maximum junction temperature and a thermal resistance
of 80 CW junction to ambient for the DIP and 162 CW for the SO Package
Note 2
Average of 10 trials
Note 3
Required UL sensitivity tolerance is such that external trimming of LM1851 sensitivity will be necessary
Note 4
This externally applied current is in addition to the internal ‘‘output drive current’’ source
TLH5177 – 2
FIGURE 1 Normal Fault Sensitivity Test Circuit
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com