Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3909-E/SS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3909-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-E/SS Datasheet(HTML) 4 Page - Microchip Technology

  MCP3909-E/SS Datasheet HTML 1Page - Microchip Technology MCP3909-E/SS Datasheet HTML 2Page - Microchip Technology MCP3909-E/SS Datasheet HTML 3Page - Microchip Technology MCP3909-E/SS Datasheet HTML 4Page - Microchip Technology MCP3909-E/SS Datasheet HTML 5Page - Microchip Technology MCP3909-E/SS Datasheet HTML 6Page - Microchip Technology MCP3909-E/SS Datasheet HTML 7Page - Microchip Technology MCP3909-E/SS Datasheet HTML 8Page - Microchip Technology MCP3909-E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP3909
DS22025C-page 4
 2006-2012 Microchip Technology Inc.
ADC/PGA Specifications
Offset Error
VOS
2
5
mV
Referred to Input, applies to both
channels
Gain Error Match
0.5
% FOUT (Note 5)
Internal Voltage Reference
Voltage
2.4
V
Tolerance
±2
%
Tempco
15
ppm/°C
Reference Input
Input Range
2.2
2.6
V
Input Impedance
3.2
kΩ
Input Capacitance
10
pF
Analog Inputs
Maximum Signal Level
±1
V
CH0+,CH0-,CH1+,CH1- to AGND
Differential Input Voltage
Range Channel 0
±470/G
mV
G = PGA Gain on Channel 0
Differential Input Voltage
Range Channel 1
——
±660
mV
Input Impedance
390
kΩ
Proportional to 1/MCLK
Oscillator Input
Frequency Range
MCLK
1
4
MHz
Power Specifications
Operating Voltage
4.5
5.5
V
AVDD, DVDD
IDD,A
IDD,A
—2.3
2.8
mA
AVDD pin only
IDD,D
IDD,D
—0.8
1.2
mA
DVDD pin only
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V to 5.5V,
Internal VREF, HPF turned on (AC mode), AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ.
Max
Units
Comment
Note 1:
Measurement error = (Energy Measured By Device - True Energy)/True Energy * 100%. Accuracy is mea-
sured with signal (±660 mV) on Channel 1. FOUT0, FOUT1 pulse outputs. Valid from 45 Hz to 75 Hz. See
typical performance curves for higher frequencies and increased dynamic range. This parameter is not
100% production tested.
2:
Does not include internal VREF. Gain = 1, CH0 = 470 mVDC, CH1 = 660 mVDC, difference between
measured output frequency and expected transfer function.
3:
Percent of HFOUT output frequency variation; Includes external VREF = 2.5V, CH1 = 100 mVRMS @ 50 Hz,
CH2 = 100 mVRMS @ 50 Hz, AVDD = 5V + 1 Vpp @ 100 Hz. DC PSRR: 5V ±500 mV
4:
Error applies down to 60 degree lead (PF = 0.5 capacitive) and 60 degree lag (PF = 0.5 inductive).
5:
Refer to Section 4.0 “Device Overview” for complete description.
6:
Specified by characterization, not production tested.
7:
1 MCLK period at 3.58 MHz is equivalent to less than < 0.005 degrees at 50 or 60 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com