Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3909-E/SS Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3909-E/SS
Description  Energy Metering IC with SPI Interface and Active Power Pulse Output
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3909-E/SS Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3909-E/SS Datasheet HTML 2Page - Microchip Technology MCP3909-E/SS Datasheet HTML 3Page - Microchip Technology MCP3909-E/SS Datasheet HTML 4Page - Microchip Technology MCP3909-E/SS Datasheet HTML 5Page - Microchip Technology MCP3909-E/SS Datasheet HTML 6Page - Microchip Technology MCP3909-E/SS Datasheet HTML 7Page - Microchip Technology MCP3909-E/SS Datasheet HTML 8Page - Microchip Technology MCP3909-E/SS Datasheet HTML 9Page - Microchip Technology MCP3909-E/SS Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
MCP3909
DS22025C-page 6
 2006-2012 Microchip Technology Inc.
Serial Interface Timings (Note 4)
Data Ready Pulse Width
tDR
4/MCLK
Reset Time
tRST
100
ns
Output Data Rate
fADC
—MCLK/256
Serial Clock Frequency
fCLK
—20
MHz
VDD = 5V
Window for serial mode entry
codes
tWINDOW
——
32/
MCLK
Last bit must be clocked in
before this time.
Window start time for serial
mode entry codes
tWINSET 1/MCLK
First bit must be clocked in
after this time.
Serial Clock High Time
tHI
25
ns
fCLK= 20 MHz
Serial Clock Low Time
tLO
25
ns
fCLK= 20 MHz
CS Fall to First Rising CLK Edge
tSUCS
15
ns
Data Input Setup Time
tSU
10
ns
Data Input Hold Time
tHD
10
ns
CS Rise to Output Disable
tDIS
——
150
ns
CLK Rise to Output Data Valid
tDO
30
ns
SDO Rise Time
tR
—2
ns
SDO Fall Time
tF
—2
ns
TIMING CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at AVDD = DVDD = 4.5V to 5.5V,
AGND, DGND = 0V, MCLK = 3.58 MHz; TA = -40°C to +85°C.
Parameter
Sym
Min
Typ
Max
Units
Comment
Note 1:
If output pulse period (tFP) falls below 984376*2 MCLK periods, then tFW = 1/2 tFP.
2:
If output pulse period (tHP) falls below 322160*2 MCLK periods, then tHW = 1/2 tHP. When F2, F1, F0
equals 0,1,1, the HFOUT pulse time is fixed at 64 x MCLK periods or 18 µs for MCLK = 3.58 MHz.
3:
Specified by characterization, not production tested.
4:
Serial timings specified and production tested with 180 pF load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com