Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1661 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 4 Page - Microchip Technology

  MCP1661 Datasheet HTML 1Page - Microchip Technology MCP1661 Datasheet HTML 2Page - Microchip Technology MCP1661 Datasheet HTML 3Page - Microchip Technology MCP1661 Datasheet HTML 4Page - Microchip Technology MCP1661 Datasheet HTML 5Page - Microchip Technology MCP1661 Datasheet HTML 6Page - Microchip Technology MCP1661 Datasheet HTML 7Page - Microchip Technology MCP1661 Datasheet HTML 8Page - Microchip Technology MCP1661 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MCP1661
DS20005315B-page 4
 2014-2015 Microchip Technology Inc.
Line Regulation
|(
VFB/VFB)/
VIN|
—
0.05
0.5
%/V
VIN = 3V to 5V,
IOUT =20mA, VOUT =12.0V
Load Regulation
|
VFB/VFB|—
0.5
1.5
%
IOUT = 20 mA to 100 mA,
VIN = 3.3V, VOUT =12.0V
Overvoltage Reference
OVP_REF
—
80
—
mV
V
FB to GND transition
(Note 4)
Maximum Duty Cycle
DCMAX
88
90
—
%
Note 4
Switching Frequency
fSW
425
500
575
kHz
±15%
EN Input Logic High
VIH
85
——
% of VIN IOUT =1 mA
EN Input Logic Low
VIL
——
7.5
% of VIN IOUT =1 mA
EN Input Leakage Current
IENLK
—0.025
—
µA
VEN =5V
Soft-Start Time
tSS
—3
—
ms
TA, EN Low-to-High,
90% of VOUT
Thermal Shutdown
Die Temperature
TSD
—150
—
°C
Die Temperature Hysteresis
TSDHYS
—15
—
°C
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits apply for typical values at ambient temperature
TA =+25°C, VIN = 3.3V, IOUT =20mA, VOUT =12V, CIN =COUT = 10 µF, X7R ceramic, L = 4.7 µH and 5-lead
SOT-23 package.
Boldface specifications apply over the controlled TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
—
+125
°C
Steady State
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 5LD-SOT-23
JA
—
201.0
—
°C/W
Thermal Resistance, 8LD-2x3 TDFN
JA
—52.5
—
°C/W
DC AND AC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits apply for typical values at ambient temperature
TA =+25°C, VIN = 3.3V, IOUT =20mA, VOUT =12V, CIN =COUT = 10 µF, X7R ceramic, L = 4.7 µH.
Boldface specifications apply over the controlled TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Minimum input voltage in the range of VIN (VIN <5.5V < VOUT) depends on the maximum duty cycle
(DCMAX) and on the output voltage (VOUT), according to the boost converter equation:
VINmin =VOUT x(1– DCMAX).
2:
IIN0 varies with input and output voltage (Figure 2-8). IIN0 is measured on the VIN pin when the device is
switching (EN = VIN), at no load, with RTOP = 120 k and RBOT =1.05 M.
3:
IQSHDN is measured on the VIN pin when the device is not switching (EN = GND), at no load, with the
feedback resistors (RTOP +RBOT) disconnected from VOUT.
4:
Determined by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com