Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1661 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1661
Description  High-Voltage Integrated Switch PWM Boost Regulator with UVLO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1661 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1661 Datasheet HTML 3Page - Microchip Technology MCP1661 Datasheet HTML 4Page - Microchip Technology MCP1661 Datasheet HTML 5Page - Microchip Technology MCP1661 Datasheet HTML 6Page - Microchip Technology MCP1661 Datasheet HTML 7Page - Microchip Technology MCP1661 Datasheet HTML 8Page - Microchip Technology MCP1661 Datasheet HTML 9Page - Microchip Technology MCP1661 Datasheet HTML 10Page - Microchip Technology MCP1661 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
 2014-2015 Microchip Technology Inc.
DS20005315B-page 7
MCP1661
Note: Unless otherwise indicated, VIN =3.3V, IOUT =20mA, VOUT =12V, CIN =COUT = 10 µF, X7R ceramic,
L= 4.7 µH, TA = 25°C, 5-lead SOT-23 package.
FIGURE 2-13:
Enable Threshold vs. Input
Voltage.
FIGURE 2-14:
N-Channel Switch RDSON
vs. VIN.
FIGURE 2-15:
12.0V VOUT Light Load
PWM Mode Waveforms.
FIGURE 2-16:
High Load PWM Mode
Waveforms.
FIGURE 2-17:
12.0V Start-Up by Enable.
FIGURE 2-18:
12.0V Start-Up
(VIN =VENABLE).
0
10
20
30
40
50
60
70
80
90
100
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
Input Voltage (V)
EN V
IL
EN V
IH
I
OUT = 1 mA
0
0.2
0.4
0.6
0.8
1
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5
Input Voltage (V)
IOUT =100 mA
2 µs/div
VOUT
20 mV/div, AC Coupled
20 MHz BW
IOUT =5 mA
VSW
5V/div
IL
100 mA/div
1 µs/div
VOUT
50 mV/div, AC Coupled
20 MHz BW
IOUT =100 mA
VSW
5V/div
IL
400 mA/div
VOUT
3V/div
IOUT =15 mA
VEN
3V/div
IL
300 mA/div
500 µs/div
VIN
3V/div
VOUT
3V/div
IOUT =15 mA
VSW
5V/div
VIN
3V/div
500 µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com