Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV376IDBVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 12Page - Texas Instruments TLV376IDBVR Datasheet HTML 13Page - Texas Instruments TLV376IDBVR Datasheet HTML 14Page - Texas Instruments TLV376IDBVR Datasheet HTML 15Page - Texas Instruments TLV376IDBVR Datasheet HTML 16Page - Texas Instruments TLV376IDBVR Datasheet HTML 17Page - Texas Instruments TLV376IDBVR Datasheet HTML 18Page - Texas Instruments TLV376IDBVR Datasheet HTML 19Page - Texas Instruments TLV376IDBVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
C
1
0.1 F
m
R
100W
1
(1)
+5V
V
IN
ADS8327
Low Power
16-Bit
500kSPS
C
3
(1)
1.2nF
C4
100nF
+5V
REF IN
-IN
+IN
REF5040
4.096V
+5V
TLV376
Copyright © 2016, Texas Instruments Incorporated
C
1
1nF
C
150pF
2
R
3
5.49kW
R
1
5.49kW
R
2
12.4kW
V+
V
OUT
V
IN
TLV376
(V+)/2
Copyright © 2016, Texas Instruments Incorporated
16
TLV376, TLV2376, TLV4376
SBOS755 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Application Information (continued)
8.1.3 Active Filtering
The TLVx376 family is well-suited for filter applications requiring a wide-bandwidth, fast slew rate, low-noise,
single-supply operational amplifier. Figure 26 shows a 50-kHz, 2nd-order, low-pass filter. The components have
been selected to provide a maximally-flat Butterworth response. Beyond the cutoff frequency, roll-off is –40 dB
per decade. The Butterworth response is ideal for applications requiring predictable gain characteristics (such as
the antialiasing filter used ahead of an ADC).
Figure 26. Second-Order, Butterworth, 50-kHz, Low-Pass Filter
8.1.4 Driving an Analog-to-Digital Converter
The low-noise and wide-gain bandwidth of the TLVx376 family make these devices ideal for driving ADCs.
Figure 27 shows the TLV376 driving an ADS8327, a 16-bit, 250-kSPS converter. The amplifier is connected as a
unity-gain, noninverting buffer.
NOTE: Suggested value; may require adjustment based on specific application.
Figure 27. Driving an ADS8327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com