Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV376IDBVR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLV376IDBVR
Description  TLVx376 Low Offset and Drift, Low-Noise, Precision Operational Amplifiers for Cost-Sensitive Systems
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV376IDBVR Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV376IDBVR Datasheet HTML 10Page - Texas Instruments TLV376IDBVR Datasheet HTML 11Page - Texas Instruments TLV376IDBVR Datasheet HTML 12Page - Texas Instruments TLV376IDBVR Datasheet HTML 13Page - Texas Instruments TLV376IDBVR Datasheet HTML 14Page - Texas Instruments TLV376IDBVR Datasheet HTML 15Page - Texas Instruments TLV376IDBVR Datasheet HTML 16Page - Texas Instruments TLV376IDBVR Datasheet HTML 17Page - Texas Instruments TLV376IDBVR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
5kW
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
TLV376
Copyright © 2016, Texas Instruments Incorporated
14
TLV376, TLV2376, TLV4376
SBOS755 – OCTOBER 2016
www.ti.com
Product Folder Links: TLV376 TLV2376 TLV4376
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Parameters that can vary across the common-mode voltage range are listed in Table 1.
Table 1. Parameters With Variation Across the Common-Mode Voltage Range
PARAMETER
(V–) - 0.1 V < VCM < (V+) – 1.3 V
(V+) – 1.3 V < VCM < (V+) + 0.1 V
UNIT
TYP
TYP
OFFSET VOLTAGE
VOS
Input offset voltage
40
2500
μV
dVOS/dT
Offset voltage vs temperature
1
25
μV/°C
OPEN LOOP GAIN
AOL
Open-loop voltage gain
126
96
dB
INPUT VOLTAGE RANGE
CMRR
Common-mode rejection ratio
88
43
dB
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
5.5
5.5
MHz
PM
Phase margin
72
72
Degrees
SR
Slew rate, G = 1
2
1.1
V/μs
NOISE
en
Input voltage noise density,
f = 1 kHz
8
135
nV/
√Hz
in
Input current noise, f = 1 kHz
2
47
fA/
√Hz
7.3.5 Input and ESD Protection
The TLVx376 family incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case
of input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. These ESD protection diodes also provide in-circuit, input overdrive protection, as long
as the current is limited to 10 mA as stated in the Absolute Maximum Ratings table. Figure 24 shows how a
series input resistor can be added to the driven input to limit the input current. The added resistor contributes
thermal noise at the amplifier input. In noise-sensitive applications, the value of this resistor must be as low as
possible.
Figure 24. Input Current Protection
7.4 Device Functional Modes
The TLVx376 family has a single functional mode and is operational when the power-supply voltage is greater
than 2.2 V (±1.1 V). The maximum power-supply voltage for the TLVx376 family is 5.5 V (±2.75 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com