Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # REF3230-EP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3230-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button REF3230-EP Datasheet HTML 3Page - Texas Instruments REF3230-EP Datasheet HTML 4Page - Texas Instruments REF3230-EP Datasheet HTML 5Page - Texas Instruments REF3230-EP Datasheet HTML 6Page - Texas Instruments REF3230-EP Datasheet HTML 7Page - Texas Instruments REF3230-EP Datasheet HTML 8Page - Texas Instruments REF3230-EP Datasheet HTML 9Page - Texas Instruments REF3230-EP Datasheet HTML 10Page - Texas Instruments REF3230-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OUTPUT VOLTAGE vs INPUT VOLTAGE
(REF3212)
1.2525
1.2520
1.2515
1.2510
1.2505
1.2500
1.2495
1.2490
1.2485
1.2480
1.2475
1.5
2.5
3.5
3
4.5
4
2
5
Input Voltage (V)
+125
_C
+25
_C
−40_C
OUTPUT VOLTAGE
vs LOAD CURRENT
2.505
2.504
2.503
2.502
2.501
2.500
2.499
2.498
2.497
2.496
2.495
−15
−10
−5
0
5
10
15
Load Current (mA)
+125
_C
+25
_C
−40_C
0.1Hz TO 10Hz
NOISE
400ms/div
OUTPUT VOLTAGE
INITIAL ACCURACY
Output Accuracy (%)
STEP RESPONSE
C
L = 0pF, 5V STARTUP
10
µs/div
V
IN
V
OUT
STEP RESPONSE
C
L = 1µF
100
µs/div
V
IN
V
OUT
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
www.ti.com
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, ILOAD = 0 mA, VIN = 5 V power supply, REF3225 is used for typical characteristics (unless otherwise noted)
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com