Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3230-EP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3230-EP Datasheet(HTML) 1 Page - Texas Instruments

  REF3230-EP Datasheet HTML 1Page - Texas Instruments REF3230-EP Datasheet HTML 2Page - Texas Instruments REF3230-EP Datasheet HTML 3Page - Texas Instruments REF3230-EP Datasheet HTML 4Page - Texas Instruments REF3230-EP Datasheet HTML 5Page - Texas Instruments REF3230-EP Datasheet HTML 6Page - Texas Instruments REF3230-EP Datasheet HTML 7Page - Texas Instruments REF3230-EP Datasheet HTML 8Page - Texas Instruments REF3230-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
GND_F
GND_S
3
2
ENABLE
5
6
4
OUT_S
IN
OUT_F
REF3212
REF3225
REF3230
REF3240
REF3220
REF3233
TEMPERATURE DRIFT
(0
_C to +125_C)
0.5
1.5
2.5
3.5
4.5
Drift (ppm/
_C)
7
6.5
6
5
4
3
2
1
5.5
DROPOUT VOLTAGE
vs LOAD CURRENT
160
140
120
100
80
60
40
20
0
−15
15
10
5
0
−5
−10
Load Current (mA)
−40_C
+25
_C
+125
_C
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
www.ti.com
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
4 ppm/
°C, 100 μA SOT23-6 SERIES VOLTAGE REFERENCES
Check for Samples: REF3212-EP, REF3220-EP, REF3225-EP, REF3230-EP, REF3233-EP, REF3240-EP
1
FEATURES
APPLICATIONS
•
Excellent Specified Drift Performance:
•
Portable Equipment
– 7ppm/°C (Max) at 0°C to 125°C
•
Data Acquisition Systems
– 20ppm/°C (Max) at –40°C to 125°C
•
Medical Equipment
– 40ppm/°C (Max) at –55°C to 125°C
•
Test Equipment
•
Microsize Package: SOT23-6
•
High Output Current:
±10 mA
•
High Accuracy: 0.01%
•
Low Quiescent Current: 100
μA
•
Low Dropout: 5 mV
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Controlled Baseline
•
One Assembly/Test Site
•
One Fabrication Site
•
Available in Military (
–55°C/125°C)
Temperature Range(1)
•
Extended Product Life Cycle
•
Extended Product-Change Notification
•
Product Traceability
(1)
Additional temperature ranges are available - contact factory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.
Not Recommended For
New Designs


Similar Part No. - REF3230-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3230-EP TI-REF3230-EP Datasheet
890Kb / 25P
4 ppm100 A SOT23-6 SERIES VOLTAGE REFERENCES
REF3230-EP TI2-REF3230-EP Datasheet
1Mb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
REF3230-EP TI2-REF3230-EP Datasheet
532Kb / 21P
4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
REVISED AUGUST 2011
More results

Similar Description - REF3230-EP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
VOLTAGE REFERENCES
logo
Maxim Integrated Produc...
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6125 MAXIM-MAX6125 Datasheet
84Kb / 8P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6610 MAXIM-MAX6610 Datasheet
138Kb / 6P
Precision, Low-Power, 6-Pin SOT23 Temperature Sensors and Voltage References
Rev 2; 11/03
logo
Texas Instruments
REF3212-EP TI1-REF3212-EP Datasheet
443Kb / 22P
4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
REF3220AMDBVREP TI-REF3220AMDBVREP Datasheet
890Kb / 25P
4 ppm100 A SOT23-6 SERIES VOLTAGE REFERENCES
logo
Maxim Integrated Produc...
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
logo
Texas Instruments
REF3212-EP TI-REF3212-EP_15 Datasheet
352Kb / 22P
4 ppm/째C, 100 關A SOT23-6 SERIES VOLTAGE REFERENCES
logo
Maxim Integrated Produc...
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com