Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP339B Datasheet(PDF) 6 Page - Exar Corporation

Part # SP339B
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339B Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP339B Datasheet HTML 2Page - Exar Corporation SP339B Datasheet HTML 3Page - Exar Corporation SP339B Datasheet HTML 4Page - Exar Corporation SP339B Datasheet HTML 5Page - Exar Corporation SP339B Datasheet HTML 6Page - Exar Corporation SP339B Datasheet HTML 7Page - Exar Corporation SP339B Datasheet HTML 8Page - Exar Corporation SP339B Datasheet HTML 9Page - Exar Corporation SP339B Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SP339B
6
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.0
ELECTRICAL CHARACTERISTICS
UNLESS OTHERWISE NOTED:
VCC = +3.3V ±5% or +5.0V ±5%, C1-C4 = 0.1F; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DC CHARACTERISTICS
ICC
Supply Current (RS-232)
2
8
mA
No load, idle inputs
ICC
Supply Current (RS-485)
2
8
mA
No load, idle inputs
ICC
Vcc Shutdown Current
1
10
A
ENABLE = 0V
TRANSMITTER and LOGIC INPUT PINS: Pins 3, 4, 6, 11, 12, 14, 15, 17-19
VIH
Logic Input Voltage High
2.0
V
VCC = 3.3V
VIH
Logic Input Voltage High
2.4
V
VCC = 5.0V
VIL
Logic Input Voltage Low
0.8
V
IIL
Logic Input Leakage Current Low
1
A
Input Low (VIN = 0V)
IIH
Logic Input Leakage Current High
1
A
Input High (VIN = VCC),
pins 3, 4 and 6
IPD
Logic Input Pull-down Current
50
A
Input High (VIN = VCC),
pins 11, 12, 14, 15, 17-19
VHYS
Logic Input Hysteresis
200
mV
RECEIVER OUTPUTS: Pins 1, 2, 5, 7, 8
VOH
Receiver Output Voltage High
VCC-0.6
V
IOUT = -1.5mA
VOL
Receiver Output Voltage Low
0.4
V
IOUT = 2.5mA
IOSS
Receiver Output Short Circuit Current
±20
±60
mA
0
 VO  VCC
IOZ
Receiver Output Leakage Current
±0.1
±1
A
0
 VO  VCC,
Receivers disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com