Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP339B Datasheet(PDF) 7 Page - Exar Corporation

Part # SP339B
Description  TRANSCEIVER WITH INTERNAL TERMINATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339B Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP339B Datasheet HTML 3Page - Exar Corporation SP339B Datasheet HTML 4Page - Exar Corporation SP339B Datasheet HTML 5Page - Exar Corporation SP339B Datasheet HTML 6Page - Exar Corporation SP339B Datasheet HTML 7Page - Exar Corporation SP339B Datasheet HTML 8Page - Exar Corporation SP339B Datasheet HTML 9Page - Exar Corporation SP339B Datasheet HTML 10Page - Exar Corporation SP339B Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
UNLESS OTHERWISE NOTED:
VCC = +3.3V ±5% or +5.0V ±5%, C1-C4 = 0.1F; TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
CONDITIONS
SINGLE-ENDED RECEIVER INPUTS (RS-232)
VIN
Input Voltage Range
-15
+15
V
VIL
Input Threshold Low
0.6
1.2
V
VCC = 3.3V
0.8
1.5
V
VCC = 5.0V
VIH
Input Threshold High
1.5
2.0
V
VCC = 3.3V
1.8
2.4
V
VCC = 5.0V
VHYS
Input Hysteresis
0.3
V
RIN
Input Resistance
3
5
7
k
-15V
VIN +15V
SINGLE-ENDED DRIVER OUTPUTS (RS-232)
VO
Output Voltage Swing
±5.0
±5.5
V
Output loaded with 3k
to Gnd
±7.0
V
No load output
ISC
Short Circuit Current
±60
mA
VO = 0V
ROFF
Power Off Impedance
300
10M
VCC = 0V, VO = ±2V
SP339B
7
REV. 1.0.0
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com