Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5071 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5071
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 13Page - Analog Devices ADP5071 Datasheet HTML 14Page - Analog Devices ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices ADP5071 Datasheet HTML 17Page - Analog Devices ADP5071 Datasheet HTML 18Page - Analog Devices ADP5071 Datasheet HTML 19Page - Analog Devices ADP5071 Datasheet HTML 20Page - Analog Devices ADP5071 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADP5071
Data Sheet
Rev. A | Page 16 of 27
To configure the simultaneous enable mode, connect the SEQ pin
to the VREG pin. Both regulators power up simultaneously
when the EN2 pin is taken high. The EN1 pin enable can be
used to enable the internal references ahead of enabling the
outputs, if desired. The simultaneous enable mode timing is
shown in Figure 42.
VIN
DISCONNECT
SWITCH TURN ON
VPOS
TIME
VNEG
SIMULTANEOUS ENABLE MODE
(SEQ = HIGH, EN2 = HIGH)
Figure 42. Simultaneous Enable Mode
To configure the sequential enable mode, pull the SEQ pin low.
In this mode, either VPOS or VNEG can be enabled first by using
the respective EN1 pin or EN2 pin. Keep the other pin low. The
secondary supply is enabled when the primary supply completes
soft start and its feedback voltage reaches approximately 85% of
the target value. The sequential enable mode timing is shown in
Figure 43.
DISCONNECT
SWITCH TURN ON
DISCONNECT
SWITCH TURN ON
TIME
TIME
VPOS
VNEG
VPOS
VNEG
1. VPOS FOLLOWED BY VNEG
(SEQ = LOW, EN1 = HIGH, EN2 = LOW)
2. VNEG FOLLOWED BY VPOS
(SEQ = LOW, EN2 = HIGH, EN1 = LOW)
SEQUENTIAL ENABLE MODE
VIN
VIN
Figure 43. Sequential Enable Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com