Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5071 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP5071
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 14Page - Analog Devices ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices ADP5071 Datasheet HTML 17Page - Analog Devices ADP5071 Datasheet HTML 18Page - Analog Devices ADP5071 Datasheet HTML 19Page - Analog Devices ADP5071 Datasheet HTML 20Page - Analog Devices ADP5071 Datasheet HTML 21Page - Analog Devices ADP5071 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Data Sheet
ADP5071
Rev. A | Page 17 of 27
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP5071 is supported by the ADIsimPower design toolset.
ADIsimPower is a collection of tools that produce complete
power designs optimized to a specific design goal. These tools
allow the user to generate a full schematic, bill of materials, and
calculate performance in minutes. ADIsimPower can optimize
designs for cost, area, efficiency, and parts count while taking
into consideration the operating conditions and limitations of
the IC and all real external components. The ADIsimPower tool
can be found at www.analog.com/adisimpower, and the user
can request an unpopulated board through the tool.
COMPONENT SELECTION
Feedback Resistors
The ADP5071 provides an adjustable output voltage for both boost
and inverting regulators. An external resistor divider sets the output
voltage where the divider output must equal the appropriate
feedback reference voltage, VFB1 or VFB2. To limit the output voltage
accuracy degradation due to feedback bias current, ensure that the
current through the divider is at least 10 times IFB1 or IFB2.
Set the positive output for the boost regulator by


+
×
=
FB1
FT1
FB1
POS
R
R
V
V
1
where:
VPOS is the positive output voltage.
VFB1 is the FB1 reference voltage.
RFT1 is the feedback resistor from VPOS to FB1.
RFB1 is the feedback resistor from FB1 to AGND.
Set the negative output for the inverting regulator by
(
)
FB2
REF
FB2
FT2
FB2
NEG
V
V
R
R
V
V
−
−
=
where:
VNEG is the negative output voltage.
VFB2 is the FB2 reference voltage.
RFT2 is the feedback resistor from VNEG to FB2.
RFB2 is the feedback resistor from FB2 to VREF.
VREF is the VREF pin reference voltage.
Table 8. Recommended Feedback Resistor Values
Desired Output
Voltage (V)
Boost/SEPIC Regulator
Inverting Regulator
RFT1 (MΩ)
RFB1 (kΩ)
Calculated
Output Voltage (V)
RFT2 (MΩ)
RFB2 (kΩ)
Calculated
Output Voltage (V)
±1.8
0.143
115
1.795
0.332
102
−1.804
±3
0.316
115
2.998
0.475
100
−3.000
±3.3
0.357
115
3.283
0.523
102
−3.302
±4.2
0.432
102
4.188
0.715
115
−4.174
±5
0.604
115
5.002
1.15
158
−5.023
±9
1.24
121
8.998
1.62
133
−8.944
±12
1.4
100
12.000
1.15
71.5
−12.067
±13
2.1
137
13.063
2.8
162
−13.027
±15
2.43
137
14.990
2.32
118
−14.929
±18
2.15
100
18.000
2.67
113
−18.103
±20
2.55
107
19.865
2.94
113
−20.014
±24
3.09
107
23.903
3.16
102
−23.984
±30
3.65
100
30.000
4.12
107
−30.004
±35
5.9
137
35.253
5.11
115
−34.748



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com