Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS60 Datasheet(PDF) 6 Page - Copal Electronics

Part # PS60
Description  CONPOUND PRESSURE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 6 Page - Copal Electronics

  PS60 Datasheet HTML 1Page - Copal Electronics PS60 Datasheet HTML 2Page - Copal Electronics PS60 Datasheet HTML 3Page - Copal Electronics PS60 Datasheet HTML 4Page - Copal Electronics PS60 Datasheet HTML 5Page - Copal Electronics PS60 Datasheet HTML 6Page - Copal Electronics PS60 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
35±0.3
Hook on and Push down
Push in and Pull off
(24)
PS60
P1
P2
kPa
DIN rail attachment
5
Piping
Piping and Installation
When connecting a available joint to the pressure port, hold the base section of the main body and make sure that the tightening torque is 1.0N・m(M5 female)or
less.
Note)Please do not directly hold the case only when tightening. Also, do not use the wrench to any other part than the port section when tightening. Such handling
may cause a breakage of the switch.
D
I
N rail adapter(accessory)
Note : This DIN rail adapter cannot be unfixed once attached.
Stopper(POM)
Bass(PBT)
Panel lock function
Panel Protection
Panel lock function is not erased even if
the power supply is turned off.
The panel lock function is used to lock the key operation in order to prevent preset values from being
accidentally changed.
・To enable the panel lock function, press  button more than 3 seconds.
     blinks twice and the buttons are locked.
・To disable the panel lock function, press  button more than 3 seconds.
     blinks twice and the buttons are locked.
PS60-103R-NMCN
RANGE: -0.10 ∼ 1.00 MPa
WHITE:SWITCH2(NPN 30V 100mAmax)
BLUE :COMMON
BROWN:POWER SUPPLY(DC12∼24V)
BLACK:SWITCH1(NPN 30V 100mAmax)
LOT.8M1
PS60-103R-NMCN
RANGE: -0.10 ∼ 1.00 MPa
WHITE:SWITCH2(NPN 30V 100mAmax)
BLUE :COMMON
BROWN:POWER SUPPLY(DC12∼24V)
BLACK:SWITCH1(NPN 30V 100mAmax)
LOT.8M1
PS60-103R-NMCN
RANGE: -0.10 ∼
1.00 MPa
WHITE:SWITCH2(NPN
30V 100mAmax)
BLUE :COMMON
BROWN:POWER
SUPPLY(DC12∼24V)
BLACK:SWITCH1(NPN
30V 100mAmax)
LOT.8M1
MADE IN
JAPAN
MADE IN
JAPAN
MADE IN
JAPAN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com