| Electronic Components Datasheet Search |
|
ML7041 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7041 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd. |
|
19 / 28 page ![]() FEDL7041-05 ML7041 19/28 FUNCTIONAL DESCRIPTION Control Registers CR0 (Basic operating mode 1) Note: The initial value means a value set when the device is reset by the PDN pin. B7 B6 B5 B4 B3 B2 B1 B0 CR0 A/ SEL SPOUT PON PDN ALL PDN TX PDN RX SLP SLP SEL LNR Initial value 0 0 0 0 0 0 0 0 B7 ....... PCM interface companding law select 0: -law 1: A-law B6 ....... Power-on control for output amplifies (SPO+, SPO ) 0: Power down 1: Power on B5 ....... Power down (entire circuitry) 0: Power on 1: Power down ORed with the inverted PDN signal. When using this data, set PDN to “L”. The control registers are not reset by this signal. B4 ....... Power down (transmit only) 0: Power on 1: Power down B3 ....... Power down (receive only) 0: Power on 1: Power down B2 ....... Slope filter enable 0: Slope filter disable 1: Slope filter enable B1 ....... Slope filter frequency response select 0: CASE1 1: CASE2 Either CASE1 or CASE2 can be selected in Figure 8. B0 ....... PCM interface linear code select 0: PCM companding law selected by CR0-B7 1: 14-bit linear code (2’s complement) Figure 8 Slope Filter Frequency Characteristics –14 –12 –10 –8 –6 –4 –2 0 2 4 6 0 500 1000 1500 2000 2500 3000 3500 4000 Frequency [Hz] CASE1 CASE2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |