Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7406 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  ML7406 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
FEDL7406-02
ML7406
2/104
■Features
• Supported standard
• ETSI EN 300 220 (Europe)
• EN 13757-4:2011 (Wireless M-BUS)
• IEEE802.15.4g
• ARIB STD T108 (Japan)
• RF frequency: 750MHz to 960MHz
• Realized high resolution modulation by using fractional N type PLL direct GFSK modulation
• Modulation: GFSK/GMSK/FSK/MSK (MSK is a case that FSK modulation index = 0.5)
• Data transmission rate: 1.2 to 500 kbps
• Data encoding/decoding by HW: NRZ, Manchester, 3 out of 6
• Data whitening by HW
• Programmable frequency channel filters
• Programmable frequency deviation function
• TX/RX data inverse function
• 26 MHz oscillator circuits version (ML7406C)
• TCXO (26 MHz) direct input version (ML7406T)
• SPXO input(CMOS level) version (ML7406S)
• Oscillator capacitance fine tuning function
• On chip low speed RC oscillation circuit
• Low speed clock adjustment function
• frequency fine tuning function (using fractional N type PLL)
• Synchronous serial peripheral interface(SPI)
• On-chip TX PA. (20 mW / 10 mW / 1 mW selectable)
• TX power fine tuning function (±0.2 dB)
• TX power automatic ramping control
• External TX PA control function
• RSSI indicator and threshold judgment function
• High speed carrier checking function
• AFC function (IF frequency automatic adjustment by Fractional N type PLL adjustment)
• Antenna diversity function
• Automatic Wake UP, auto SLEEP function (external RTC input or internal RC oscillator selectable)
• General purpose timer (2ch)
• Test pattern generator (PN9 ,CW, 01 PATTERN, ALL”1”, ALL”0” OUTPUT)
• Packet mode function
• Wireless M-BUS packet format (Format A/B)
• General purpose packet format (Format C)
• Max.255 byte (Format A/B), 204t byte (Format C)
• TX FIFO (64 byte), RX FIFO (64 byte)
• RX Preamble pattern detection (Max.4 byte)
• Automatic TX preamble length generation (Max.length 16383 byte)
• SyncWord setting function (Max. 4byte × 2 type)
• Program CRC function (CRC32/CRC16/CRC8 selectable, fully programmable polynomial)
• Wireless M-BUS field checking function (C-field/M-field/A-field can be detected automatically)
(Note) Proprietary packet format is possible depending on setting
• Supply voltage
1.8 V to 3.6 V (TX power 1 mW mode)
2.3 V to 3.6 V (TX power 10 mW mode)
2.6 V to 3.6 V (TX power 20 mW mode)
• Operational temperature
-40 ˚C to 85 ˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com