Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7406 Datasheet(PDF) 3 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7406
Description  868MHz SRD RF transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7406 Datasheet(HTML) 3 Page - LAPIS Semiconductor Co., Ltd.

  ML7406 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7406 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
FEDL7406-02
ML7406
3/104
• Current consumption (868 MHz)
Deep sleep mode
0.1 μA (Typ.)
Sleep mode2
0.56 μA (Typ.)
(retains registers, FIFO)
Idle mode
1.4 mA (Typ.)
TX 20 mW
34 mA (Typ.)
10 mW
24 mA (Typ.)
1 mW
13 mA (Typ.)
RX
15 mA (Typ.)
(@100kbps)
• Package
32pins WQFN (5mm × 5mm)
P-WQFN32-0505-0.50
Lead free, RoHS compliance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com