Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1014 Datasheet(PDF) 4 Page - Exar Corporation

Part # CLC1014
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1014 Datasheet(HTML) 4 Page - Exar Corporation

  CLC1014 Datasheet HTML 1Page - Exar Corporation CLC1014 Datasheet HTML 2Page - Exar Corporation CLC1014 Datasheet HTML 3Page - Exar Corporation CLC1014 Datasheet HTML 4Page - Exar Corporation CLC1014 Datasheet HTML 5Page - Exar Corporation CLC1014 Datasheet HTML 6Page - Exar Corporation CLC1014 Datasheet HTML 7Page - Exar Corporation CLC1014 Datasheet HTML 8Page - Exar Corporation CLC1014 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet
©2007-2013 Exar Corporation
4/20
Rev 1C
Absolute Maximum Ratings
The safety of the device is not guaranteed when it is operated above the “Absolute Maximum Ratings”. The device
should not be operated at these “absolute” limits. Adhere to the “Recommended Operating Conditions” for proper de-
vice function. The information contained in the Electrical Characteristics tables and Typical Performance plots reflect the
operating conditions noted on the tables and plots.
Parameter
Min
Max
Unit
Supply Voltage
0
14
V
Input Voltage Range
-Vs -0.5V
+Vs +0.5V
V
Continuous Output Current
100
mA
Reliability Information
Parameter
Min
Typ
Max
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Package Thermal Resistance
5-Lead SOT23
221
°C/W
6-Lead SOT23
177
°C/W
16-Lead SOIC
68
°C/W
Notes:
Package thermal resistance (qJA), JDEC standard, multi-layer test boards, still air.
ESD Protection
Product
SOT23-5
SOT23-6
SOIC-16
Human Body Model (HBM)
2kV
2kV
2kV
Charged Device Model (CDM)
1kV
1kV
1kV
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
-40
+85
°C
Supply Voltage Range
4.5
12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com