Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1014 Datasheet(PDF) 8 Page - Exar Corporation

Part # CLC1014
Description  Single and Triple, 750MHz Amplifiers with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1014 Datasheet(HTML) 8 Page - Exar Corporation

Back Button CLC1014 Datasheet HTML 4Page - Exar Corporation CLC1014 Datasheet HTML 5Page - Exar Corporation CLC1014 Datasheet HTML 6Page - Exar Corporation CLC1014 Datasheet HTML 7Page - Exar Corporation CLC1014 Datasheet HTML 8Page - Exar Corporation CLC1014 Datasheet HTML 9Page - Exar Corporation CLC1014 Datasheet HTML 10Page - Exar Corporation CLC1014 Datasheet HTML 11Page - Exar Corporation CLC1014 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet
©2007-2013 Exar Corporation
8/20
Rev 1C
Electrical Characteristics at ±5V continued
TA = 25°C, Vs = ±5V, Rf = Rg =150Ω, RL = 150Ω, G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Output Characteristics
RO
Output Resistance
Closed Loop, DC
0.1
Ω
VOUT
Output Voltage Swing
RL = 150Ω (1)
±3.0
±3.8
V
IOUT
Output Current
±220
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com