Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRCP-SM Datasheet(PDF) 1 Page - Copal Electronics

Part # PRCP-SM
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-SM Datasheet(HTML) 1 Page - Copal Electronics

  PRCP-SM Datasheet HTML 1Page - Copal Electronics PRCP-SM Datasheet HTML 2Page - Copal Electronics PRCP-SM Datasheet HTML 3Page - Copal Electronics PRCP-SM Datasheet HTML 4Page - Copal Electronics PRCP-SM Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Compliant with AEC-Q200 Rev-C-Stress
Test Qualification for Passive Components
in Automotive Applications
Surface Mount Devices
Fully compatible with current
industry standards
Packaged per EIA 481-2 standard
RoHS compliant* and halogen free**
Agency recognition:
Patents pending
PRCP-SM Series - Polymer Resettable Circuit Protectors
Electrical Characteristics
Model
V max.
Volts
I max
Amps
Ihold
Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Amperes
at 23 °C
Ohms
at 23 °C
Amperes
at 23 °C
Seconds
at 23 °C
Watts
at 23 °C
Hold
Trip
R Min.
R1 Max.
Max.
Typ.
PRCP-SM030
60
40
0.30
0.60
0.90
4.80
1.5
3.0
1.7
PRCP-SM050
60
40
0.50
1.00
0.35
1.40
2.5
4.0
1.7
PRCP-SM075
30
80
0.75
1.50
0.23
1.00
8.0
0.3
1.7
PRCP-SM100
30
80
1.10
2.20
0.12
0.48
8.0
0.5
1.7
PRCP-SM100/33
40
1.10
2.20
0.12
0.41
8.0
0.5
1.7
PRCP-SM125
100
1.25
2.50
0.07
0.25
8.0
2.0
1.7
PRCP-SM150
100
1.50
3.00
0.06
0.25
8.0
5.0
1.9
PRCP-SM150/33
40
1.50
3.00
0.06
0.23
8.0
5.0
1.9
PRCP-SM185/33
40
1.80
3.60
0.04
0.15
8.0
5.0
1.9
PRCP-SM200
100
2.00
4.00
0.045
0.125
8.0
12.0
1.9
PRCP-SM250
100
2.50
5.00
0.024
0.085
8.0
25.0
1.9
PRCP-SM260
100
2.60
5.20
0.025
0.075
8.0
20.0
1.7
UL File Number ........................................E300792
CSA File Number......................................CA1730526
Thermal Derating Chart - I hold (Amps)
Operating Temperature.............................-40 °C to +85 °C
Maximum Device Surface Temperature
in Tripped State........................................125 °C
Passive Aging............................................+85 °C,1000 hours............................................................±5 % typical resistance change
Humidity Aging...........................................+85 °C,85 % R.H. 7 days
Thermal Shock..........................................
-40 °C to +85 °C, 20 cycles
MIL-STD-202F,Method 107G,
MIL-STD-883C,Method 2007.1,........................................Rmin ≤ R ≤ R1 max
Condition A
Envi ronmental Characteristics
Test
Test Conditions
Visual/Mech...............................................Verify dimensions and materials.......................................
Resistance ...............................................In still air @ 23 °C.............................................................
T ≤ max.time to trip (seconds)
95% min. coverage
Test Procedures And Requirements For Model PRCP-SM Series
...................................................±5 % typical resistance change
.........................................±10 % typical resistance change
Vibration....................................................
Model
Ambient Operating Temperature
-40 ºC
-20 ºC
0 ºC
23 ºC
40 ºC
50 ºC
60 ºC
70 ºC
85 ºC
PRCP-SM030
0.45 / 0.90
0.40 / 0.80
0.35 / 0.70
0.30 / 0.60
0.25 / 0.50
0.23 / 0.46
0.20 / 0.4
0.17 / 0.34
0.14 / 0.28
PRCP-SM050
0.76 / 1.52
0.67 / 1.34
0.59 / 1.18
0.50 / 1.00
0.42 / 0.84
0.38 / 0.76
0.33 / 0.6
0.29 / 0.58
0.23 / 0.46
PRCP-SM075
PRCP-SM100
1.66 / 3.32
1.47 / 2.94
1.29 / 2.58
1.10 / 2.20
0.91 / 1.82
0.83 / 1.66
0.73 / 1.4
0.64 / 1.28
0.50 / 1.00
PRCP-SM100/33
1.66 / 3.32
1.47 / 2.94
1.29 / 2.58
1.10 / 2.20
0.91 / 1.82
0.83 / 1.66
0.73 / 1.4
0.64 / 1.28
0.50 / 1.00
PRCP-SM125
1.89 / 3.78
1.68 / 3.36
1.46 / 2.92
1.25 / 2.50
1.04 / 2.08
0.94 / 1.88
0.83 / 1.6
0.73 / 1.46
0.56 / 1.12
PRCP-SM150
2.27 / 4.54
2.01 / 4.02
1.76 / 3.52
1.50 / 3.00
1.25 / 2.50
1.13 / 2.26
0.99 / 1.9
0.87 / 1.74
0.68 / 1.36
PRCP-SM150/33
2.27 / 4.54
2.01 / 4.02
1.76 / 3.52
1.50 / 3.00
1.25 / 2.50
1.13 / 2.26
0.99 / 1.9
0.87 / 1.74
0.68 / 1.36
PRCP-SM185/33
2.56 / 5.12
2.32 / 4.64
2.08 / 4.16
1.85 / 3.70
1.60 / 3.20
1.44 / 2.88
1.28 / 2.5
1.12 / 2.24
0.88 / 1.76
PRCP-SM200
3.02 / 6.04
2.68 / 5.36
2.34 / 4.68
2.00 / 4.00
1.66 / 3.32
1.50 / 3.00
1.32 / 2.6
1.16 / 2.32
0.90 / 1.80
PRCP-SM250
3.78 / 7.56
3.35 / 6.70
2.93 / 5.86
2.50 / 5.00
2.08 / 4.16
1.88 / 3.76
1.65 / 3.3
1.45 / 2.90
1.13 / 2.26
PRCP-SM260
3.64 / 7.28
3.25 / 6.50
2.91 / 5.82
2.60 / 5.20
2.26 / 4.52
2.08 / 4.16
1.95 / 3.9
1.74 / 3.48
1.48 / 2.96
1.11 / 2.22
0.99 / 1.98
0.84 / 1.68
0.75 / 1.50
0.63 / 1.26
0.57 / 1.14
0.49 / 0.9
0.45 / 0.90
0.36 / 0.72
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
**COPAL follows the prevailing definition of “halogen free” in the industry.COPAL considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Cholrine(Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
33
33
33
15
15
15
15
6
.............................................-20 % typical resistance change
Per PRCP physical description
Accept/Reject Criteria
R min ≤ R ≤ R1 max
Time to Trip...............................................At specified current,V max,23 °C......................................
Hold Current..............................................30 min. at I hold................................................................No trip
Trip Cycle Life............................................V max,I max,100 cycles...................................................No arcing or burning
Trip Endurance..........................................V max,48 hours................................................................No arcing or burning
Solderability...............................................MIL-STD-202F,Method 208F...........................................
TÜV Certificate Number............................R 50075506


Similar Part No. - PRCP-SM

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-SMDF050 COPAL-PRCP-SMDF050 Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
More results

Similar Description - PRCP-SM

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CR-CP COPAL-CR-CP Datasheet
286Kb / 2P
CERAMIC RESETTABLE CIRCUIT PROTECTORS
PRCP-MSMF COPAL-PRCP-MSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-NSMF COPAL-PRCP-NSMF Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-PSMF COPAL-PRCP-PSMF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-R COPAL-PRCP-R Datasheet
1Mb / 7P
Polymer Resettable Circuit Protectors
PRCP-RHT COPAL-PRCP-RHT Datasheet
979Kb / 5P
Polymer Resettable Circuit Protectors
PRCP-RM COPAL-PRCP-RM Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-RX72 COPAL-PRCP-RX72 Datasheet
1Mb / 6P
Polymer Resettable Circuit Protectors
PRCP-SMDF COPAL-PRCP-SMDF Datasheet
1Mb / 5P
Polymer Resettable Circuit Protectors
PRCP-USMF COPAL-PRCP-USMF Datasheet
957Kb / 5P
Polymer Resettable Circuit Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com