Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRCP-SM Datasheet(PDF) 3 Page - Copal Electronics

Part # PRCP-SM
Description  Polymer Resettable Circuit Protectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PRCP-SM Datasheet(HTML) 3 Page - Copal Electronics

  PRCP-SM Datasheet HTML 1Page - Copal Electronics PRCP-SM Datasheet HTML 2Page - Copal Electronics PRCP-SM Datasheet HTML 3Page - Copal Electronics PRCP-SM Datasheet HTML 4Page - Copal Electronics PRCP-SM Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Time to Trip at 23 ˚C
100
1
10
0.1
0.01
0.001
0.1
1
10
100
Fault Current (Amps)
PRCP-SM Series - Polymer Resettable Circuit Protectors
Solder Reflow Recommendations
Storage Recommendations
Solder reflow
• Recommended reflow methods: IR, vapor phase oven, hot air oven.
• Devices are not designed to be wave soldered to the bottom side of the
board.
• Gluing the devices is not recommended.
• Recommended maximum paste thickness is 0.25 mm (.010 inch).
• Devices can be cleaned using standard industry methods and solvents.
Note:
• If reflow temperatures exceed the recommended profile, devices may not
meet the performance requirements.
Rework
• A device should not be reworked.
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER'S
MARK
PART IDENTIFICATION
030
5A
DATE CODE -
WEEK 1 OF 2005 = 5A
(YEAR & WEEK)
WEEK 27 OF 2005 = A5
(WEEK & YEAR)
The recommended long term storage conditions for Polymer Resettable Circuit Protectors are 40 °C maximum and 70 % RH maximum. All devices should
remain in the original sealed packaging prior to use. Devices may not conform with data sheet specifications if these storage recommendations are
exceeded. Devices stored in this manner have an indefinite shelf life.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com