Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NERO-LP1 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # NERO-LP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-LP1 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  NERO-LP1 Datasheet HTML 1Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Copyright © 2016 Future Technology Devices International Limited
5
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
4 Board Layout
The NerO development board is 68.535mm X 53.3mm two-layer printed circuit board with key
elements shown below:
Figure 1 - NerO Board Top View
Key Features:
1. Micro USB connector
2. Status and PWR LEDs moved to edge of PCB – and remain visible when a shield is placed on the
expansion connectors.
3. On-Off Switch for added user convenience
4. FTDI FT231X USB UART bridge (Note 1)
5. 5V Switching regulator vs LDO regulator (Note 2)
6. FCC/CE certified ( Note 3)
Note 1 - FT231X is one of the latest X-series family of USB UART solutions from FTDI. It has larger
communication buffers at a lower cost compared to our popular ubiquitous FT232R device.
FT231X has 3.3V output levels and 5V tolerant inputs. FTDI provide drivers for its USB bridge devices
across many platforms including certified drivers for Windows, including Windows 10.
Note 2 -The NerO Buck Switcher regulator is much more energy efficient than an LDO device
especially at higher Voltage inputs. It can supply a full 1A current at 5V without breaking sweat, or
anything else.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com