Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NERO-LP1 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # NERO-LP1
Description  16MHz ATmega328 32-pin TQFP package microcontroller.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

NERO-LP1 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button NERO-LP1 Datasheet HTML 2Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 3Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 4Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 5Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 6Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 7Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 8Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 9Page - Future Technology Devices International Ltd. NERO-LP1 Datasheet HTML 10Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Copyright © 2016 Future Technology Devices International Limited
6
NerO Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001285
C learance N o.: FT DI#4 85
Great in all circumstances where external power is used - especially for designs with higher power
requirements such as driving displays/LEDs/ Wi-Fi etc. An excellent solution for 9V battery powered
solutions, automotive (12V) and POE designs as well.
Note 3 - NerO is FCC/CE certified as is the original UNO, and so is suitable for commercial
applications as well as hobbyist/maker projects
4.1 Power Supply
The NerO board provides alternative power supply sources with an On/Off Switch (SW1):
1. 9V or 12V DC supply, 2.1mm power DC Jack Connector CN2.
2. 5V over the USB cable connected to the Micro-B USB CN1 port.
The 9V or 12V option is recommended in designs using the NerO to supply power to Arduino shields
SW1 – On/Off Switch
Switch Mode
DC
USB
ON
OFF
×
×
Table 1 - Switch Mode
Once the power supply is connected and turned on, a Green LED power indicator will be turned on. When
the DC supply is on, the 5V Buck regulator will also be turned on, its 5V power output will serve the
module including peripherals of Atmega328P MCU and 3.3V fixed LDO. The 3.3V LDO will provide power
to the FT231X USB to UART bridge device.
Figure 2 - DC Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com