Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD103BCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # ADPD103BCPZ
Description  TEMPERATURE AND POWER SPECIFICATIONS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD103BCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button ADPD103BCPZ Datasheet HTML 43Page - Analog Devices ADPD103BCPZ Datasheet HTML 44Page - Analog Devices ADPD103BCPZ Datasheet HTML 45Page - Analog Devices ADPD103BCPZ Datasheet HTML 46Page - Analog Devices ADPD103BCPZ Datasheet HTML 47Page - Analog Devices ADPD103BCPZ Datasheet HTML 48Page - Analog Devices ADPD103BCPZ Datasheet HTML 49Page - Analog Devices ADPD103BCPZ Datasheet HTML 50Page - Analog Devices ADPD103BCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
ADPD103
Data Sheet
Rev. B | Page 46 of 52
SYSTEM REGISTERS
Table 24. System Registers
Address
Data
Bit
Default Access Name
Description
0x00
[15:8]
0x00
R/W
FIFO_SAMPLES
FIFO status. Number of available bytes to be read from the FIFO. When
comparing this to the FIFO length threshold (Register 0x06, Bits[13:8]),
note that the FIFO status value is in bytes and the FIFO length threshold
is in words, where one word = two bytes.
With the FIFO_ACCESS_ENAbit set, write 1 to Bit 15 of FIFO_SAMPLES to
clear the contents of the FIFO.
7
0x0
R/W
Reserved
Write 0x1 to clear this bit to 0x0.
6
0x0
R/W
SLOTB_INT
Time Slot B interrupt. Describes the type of interrupt event. A 1 indicates
an interrupt of a particular event type has occurred. Write a 1 to clear the
corresponding interrupt. After clearing, the register goes to 0. Writing a 0
to this register has no effect.
5
0x0
R/W
SLOTA_INT
Time SlotAinterrupt. Describes the type of interrupt event.A1 indicates an
interrupt of a particular event type has occurred. Write a 1 to clear the
corresponding interrupt. After clearing, the register goes to 0. Writing a 0
to this register has no effect
[4:0]
0x00
R/W
Reserved
Write 0x1F to clear these bits to 0x00.
0x01
[15:9]
0x00
R/W
Reserved
Write 0x00.
8
0x0
R/W
FIFO_INT_MASK
Sends an interrupt when the FIFO data length has exceeded the FIFO
length threshold in Register 0x06, Bits[13:8]. A 0 enables the interrupt.
7
0x1
R/W
Reserved
Write 0x1.
6
0x1
R/W
SLOTB_INT_MASK
Sends an interrupt on the Time Slot B sample. Write a 1 to disable the
interrupt. Write a 0 to enable the interrupt.
5
0x1
R/W
SLOTA_INT_MASK
Sends an interrupt on the Time Slot A sample. Write a 1 to disable the
interrupt. Write a 0 to enable the interrupt.
[4:0]
0x1F
R/W
Reserved
Write 0x1F.
0x02
[15:3]
0x0000
R/W
Reserved
Write 0x0000.
2
0x0
R/W
INT_ENA
INT pin enable.
0: disable the INT pin. The INT pin floats regardless of interrupt status.
The status register (Address 0x00) remains active.
1: enable the INT pin.
1
0x0
R/W
INT_DRV
INT drive.
0: the INT pin is always driven.
1: the INT pin is driven when the interrupt is asserted; otherwise, it is left
floating and requires a pull-up or pull-down resistor, depending on
polarity (operates as open drain). Use this setting if multiple devices
need to share the INT pin.
0
0x0
R/W
INT_POL
INT polarity.
0: the INT pin is active high.
1: the INT pin is active low.
0x06
[15:14]
0x0
R/W
Reserved
Write 0x0.
[13:8]
0x00
R/W
FIFO_THRESH
FIFO length threshold. An interrupt is generated when the number of
data-words in the FIFO exceeds the value in FIFO_THRESH. The interrupt pin
automatically deasserts when the number of data-words available in the
FIFO no longer exceeds the value in FIFO_THRESH.
[7:0]
0x00
R/W
Reserved
Write 0x00.
0x08
[15:8]
0x04
R
REV_NUM
Revision number.
[7:0]
0x16
R
DEV_ID
Device ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com