Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919A1T-E/SS Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3919A1T-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1T-E/SS Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3919A1T-E/SS Datasheet HTML 35Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 36Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 37Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 38Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 39Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 40Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 41Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 42Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 39
MCP3919
The PHASE register is split into two 12-bit banks that
represent the delay between each pair of channels.
The equivalence is defined in Table 5-8. Each phase
value (PHASEA/B) represents the delay of the even
channel with respect to the associated odd channel
with an 11-bit plus sign, MSB-first two's complement
code. This code indicates how many DMCLK periods
there are between each channel in the pair. (see
Equation 5-5). Since the odd channel is the time
reference, when PHASEX<11:0> is positive, the even
channel of the pair is lagging and the odd channel is
leading. When PHASEX<11:0> is negative, the even
channel of the pair is leading and the odd channel is
lagging.
EQUATION 5-5:
The timing resolution of the phase delay is 1/DMCLK or
1 µs in the default configuration with MCLK = 4 MHz.
Given the definition of DMCLK, the phase delay is
affected by a change in the prescaler settings
(PRE<1:0>) and the MCLK frequency.
The data ready signals are affected by the phase delay
settings. Typically, the time difference between the data
ready pulses of odd and even channels is equal to the
associated phase delay setting.
Each ADC conversion start and, therefore, each data
ready pulse is delayed by a timing of OSR/2 x DMCLK
periods (equal to half a DRCLK period). This timing
allows for the odd channel’s data ready signals to be
located at a fixed time reference (OSR/2 x DMCLK
periods from the reset), while the even channel can be
leading or lagging around this time reference with the
corresponding PHASEX<11:0> delay value.
5.9.1
PHASE DELAY LIMITS
The limits of the phase delays are determined by the
OSR settings: the phase delays can only go from
-OSR/2 to +OSR/2-1 DMCLK periods.
If larger delays between the two channels are needed,
they can be implemented externally to the chip with an
MCU. A FIFO in the MCU can save incoming data from
the leading channel for a number N of DRCLK clocks.
In this case, DRCLK would represent the coarse timing
resolution, and DMCLK the fine timing resolution. The
total delay will then be equal to:
EQUATION 5-6:
The Phase delay registers can be programmed once
with the OSR = 4096 setting and will adjust the OSR
automatically afterwards without the need to change
the value of the phase registers.
• OSR = 4096
: The delay can go from -2048 to
+2047. PHASEX<11> is the sign bit.
PHASEX<10> is the MSB and PHASEX<0> the
LSB.
• OSR = 2048
: The delay can go from -1024 to
+1023. PHASEX<10> is the sign bit. PHASEX<9>
is the MSB and PHASEX<0> the LSB.
• OSR = 1024
: The delay can go from -512 to +511.
PHASEX<9> is the sign bit. PHASEX<8> is the
MSB and PHASEX<0> the LSB.
•OSR = 512
: The delay can go from -256 to +255
PHASEX<8> is the sign bit. PHASEX<7> is the
MSB and PHASEX<0> the LSB.
• OSR = 256: The delay can go from -128 to +127.
PHASEX<7> is the sign bit. PHASEX<6> is the
MSB and PHASEX<0> the LSB.
• OSR = 128: The delay can go from -64 to +63.
PHASEX<6> is the sign bit. PHASEX<5> is the
MSB and PHASEX<0> the LSB.
• OSR = 64: The delay can go from -32 to +31.
PHASEX<5> is the sign bit. PHASEX<4> is the
MSB and PHASEX<0> the LSB.
• OSR = 32: The delay can go from -16 to +15.
PHASEX<4> is the sign bit. PHASEX<3> is the
MSB and PHASEX<0> the LSB.
TABLE 5-8:
PHASE DELAYS
EQUIVALENCE
Pair of
channels
Phase Bank
Register Map
Position
CH1/CH0
PHASEA<11:0>
PHASE<11:0>
CH1/CH2
PHASEB<11:0>
PHASE<23:12>
Note:
For a detailed explanation of the data
ready pin (DR) with phase delay, see
Section 5.11 “Data Ready Status Bits”
.
Total Delay
PHASEX<11:0> Decimal Code
DMCLK
-----------------------------------------------------------------------------------
=
where: X = A/B
Note:
Rewriting the PHASE registers with the
same value automatically resets and
restarts all ADCs.
Total Delay = N/DRCLK + PHASE/DMCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com