Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3919A1T-E/SS Datasheet(PDF) 72 Page - Microchip Technology

Part # MCP3919A1T-E/SS
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919A1T-E/SS Datasheet(HTML) 72 Page - Microchip Technology

Back Button MCP3919A1T-E/SS Datasheet HTML 68Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 69Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 70Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 71Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 72Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 73Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 74Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 75Page - Microchip Technology MCP3919A1T-E/SS Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
MCP3919
DS20005347A-page 72
 2014 Microchip Technology Inc.
bit 15-13
OSR<2:0>
Oversampling Ratio for delta sigma A/D Conversion (ALL CHANNELS, f
d / fS)
111
= 4096 (f
d = 244 sps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
110
= 2048 (f
d = 488 sps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
101
= 1024 (f
d = 976 sps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
100
= 512 (f
d = 1.953 ksps for MCLK = 4 MHz, fs =AMCLK = 1 MHz)
011
= 256 (f
d = 3.90625 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz) (Default)
010
= 128 (f
d = 7.8125 ksps for MCLK = 4 MHz, fs = AMCLK = 1 MHz)
001
= 64 (f
d = 15.625 ksps for MCLK = 4 MHz, fs =AMCLK = 1 MHz)
000
= 32 (f
d = 31.25 ksps for MCLK = 4 MHz, fs =AMCLK =1 MHz)
bit 12-8
Unimplemented:
Read as 0
bit 7-0
VREFCAL<7:0>:
Internal Voltage Temperature coefficient VREFCAL<7:0> value. (See Section 5.6.3
“Temperature compensation (VREFCAL<7:0>)”
for complete description).
REGISTER 9-6:
CONFIG0 REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com