Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1632-BAE/MC Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1632-BAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MC Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1632-BAE/MC Datasheet HTML 17Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 18Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 19Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 20Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 21Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 22Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 23Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 24Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 21
MCP1632
5.3
PCB Layout Recommendations
The PCB layout is critical for switch-mode power
supplies. When developing the PCB, the designer must
follow the general rules for switching converters in
order to achieve consistent performance. The
guidelines include:
• Identify the high-current, high-frequency loops
before starting the PCB design. Figure 5-5 depicts
these loops for boost converters. I1 and I2 are the
main currents of the boost converter. The IRR is
the current produced by the reverse recovery of
the output rectifier D1. The IRR current is an
important source of noise/EMI.
• Minimize the area of the high-current loops. Use
copper planes or large traces for high-current
connections in order to minimize the parasitic
inductances.
• Four-layer PCBs with internal ground plane offer
the best performance for switch-mode power
supplies. For cost-sensitive applications,
two-layer PCBs can be used. In this case, the
bottom layer must be used like a ground plane.
• Use separate grounds for small-signal and power
signals. These grounds must be connected (when
possible) in a single point located near the GND
pin of the MCP1632 controller.
• Keep the current sense (CS) and feedback (FB)
signals away from noisy nodes, such as the drain
of the main switch (Q1).
• Locate the compensation network components
near the MCP1632 case.
FIGURE 5-5:
The Boost Converter’s Current Loops.
MCP1632
VIN
VOUT
VREF
COMP
EN
FB
CS
VEXT
GND
VIN
Q1
RSLOPE
L1
D1
+
-
+
-
CIN
COUT
IRR
IDR
I1
I2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com