Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1632-BAE/MC Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1632-BAE/MC
Description  High-Speed, Low-Side PWM Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1632-BAE/MC Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1632-BAE/MC Datasheet HTML 13Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 14Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 15Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 16Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 17Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 18Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 19Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 20Page - Microchip Technology MCP1632-BAE/MC Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
 2013 Microchip Technology Inc.
DS20005254A-page 17
MCP1632
5.0
APPLICATION CIRCUITS
5.1
Typical Applications
The MCP1632 PWM controller can be used for
applications that require low-side MOSFET control,
such as Boost, Buck-Boost, Flyback, SEPIC or Ćuk
converters. By using an external high-side MOSFET
driver (e.g. MCP14628), the MCP1632 device is able to
control the buck converter. The MCP1632 PWM
controller
can
be
easily
interfaced
with
a
microcontroller in order to develop intelligent solutions,
such as battery chargers or LED drivers.
Figure 5-1 depicts the typical boost converter
controlled by MCP1632. The input voltage applied on
the VIN pin of the MCP1632 device should be kept
below 5.5V. If the converter must operate with input
voltages higher than 5.5V, a linear voltage regulator
can be used to bias the MCP1632 controller. The Peak
Current Mode control used in this case will ensure
consistent performance over a wide range of operating
conditions.
The Q1 MOSFET is protected against overcurrent by
internally limiting the maximum voltage at the output of
the error amplifier of the controller. If the voltage
applied on the CS pin exceeds 0.9V, the MCP1632
device will reduce the duty cycle in order to prevent
overcurrent in Q1 MOSFET. The maximum drain peak
current in Q1 can be calculated using Equation 5-1.
The slope compensation ramp amplitude may limit the
maximum peak current and must be considered when
calculating this parameter. The DC offset of the slope
compensation ramp (DCHIGH) is calculated using the
equations provided in Figure 4-3.
Note that the boost converter is not protected against
the output short circuit.
EQUATION 5-1:
FIGURE 5-1:
MCP1632 Boost Converter.
I
Peak
Max A

0.9V
D
DC
HIGH
V

–
R
SENSE

--------------------------------------------------------------
=
MCP1632
RVREF
CSS
VIN
VOUT
VREF
COMP
EN
FB
CS
VEXT
GND
VIN
LDO
Q1
RSENSE
RSLOPE
L1
D1
+
-
+
-
CIN
COUT
R1
R2
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com