Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT621024PC-35LL Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # UT621024PC-35LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT621024PC-35LL Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  UT621024PC-35LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UTRON
UT621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
_________________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80036
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
5
WRITE CYCLE 1 ( WE Controlled) (1,2,3,5)
Address
DOUT
High-Z
1
CE
WE
Data Valid
DIN
CE2
tCW2
tCW1
tAW
tWC
tWHZ
tWP
tAS
tOW
tDW
tDH
tWR
(4)
(4)
WRITE CYCLE 2 (
1
CE and CE2 Controlled) (1,2,5)
Address
DOUT
High-Z
1
CE
WE
(4)
Data Valid
DIN
CE2
tWC
tAS
tCW1
tAW
tCW2
tWR
tWP
tWHZ
tDW
tDH
Notes :
1.
WE or
1
CE must be HIGH or CE2 must be LOW during all address transitions.
2. A write occurs during the overlap of a low
1
CE , a high CE2 and a low
WE .
3. During a WE controlled with write cycle with OE LOW, tWP must be greater than tWHZ+tDW to allow the I/O drivers
to turn off and data to be placed on the bus.
4. During this period, I/O pins are in the output state, and input singals must not be applied.
5. If the
1
CE LOW transition occurs simultaneously with or after
WE LOW transition, the outputs remain in a high
impedance state.
6. tOW and tWHZ are specified with CL=5pF. Transition is measured ± 500mV from steady state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com