Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT621024PC-35LL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UT621024PC-35LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT621024PC-35LL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UT621024PC-35LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 11Page - List of Unclassifed Manufacturers UT621024PC-35LL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UTRON
UT621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
_________________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80036
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
8
32 pin 450mil SOP Package Outline Dimension
UNIT
SYMBOL
INCH(BASE)
MM(REF)
A
0.118 (MAX)
2.997 (MAX)
A1
0.004(MIN)
0.102(MIN)
A2
0.111(MAX)
2.82(MAX)
b
0.015(MIN)
0.020(MAX)
0.38(MIN)
0.50(MAX)
c
0.008(TYP)
0.203(TYP)
D
0.817(MAX)
20.75(MAX)
E
0.445 ± 0.005 11.303 ± 0.127
E1
0.555 ± 0.005 14.097 ± 0.127
e
0.050(TYP)
1.270(TYP)
L
0.0347 ± 0.008 0.881 ± 0.203
L1
0.055 ± 0.008
1.397 ± 0.203
S
0.026(MAX)
0.660 (MAX)
y
0.004(MAX)
0.101(MAX)
Θ
0
o -10o
0
o -10o
A
C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com