Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT621024SC-55LL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UT621024SC-55LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT621024SC-55LL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UT621024SC-55LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UTRON
UT621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
________________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80036
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
2
ABSOLUTE MAXIMUM RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Terminal Voltage with Respect to Vss
VTERM
-0.5 to +7.0
V
Operating Temperature
TA
0 to +70
℃
Storage Temperature
TSTG
-65 to +150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
Soldering Temperature (under 10 sec)
Tsolder
260
℃
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to the absolute maximum rating conditions for extended
period may affect device reliability.
TRUTH TABLE
MODE
1
CE
CE2
OE
WE
I/O OPERATION
SUPPLY CURRENT
Standby
H
X
X
X
High - Z
ISB,ISB1
Standby
X
L
X
X
High -Z
ISB,ISB1
Output Disable
L
H
H
H
High - Z
ICC
Read
L
H
L
H
DOUT
ICC
Write
L
H
X
L
DIN
ICC
Note: H = VIH, L=VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS (VCC = 5V± 10%, TA = 0℃ to 70℃)
PARAMETER
SYMBOL TEST CONDITION
MIN. TYP.
MAX.
UNIT
Input High Voltage
VIH
2.2
-
VCC+0.5
V
Input Low Voltage
VIL
- 0.5
-
0.8
V
Input Leakage Current
IIL
VSS ≦VIN ≦VCC
- 1
-
1
µA
Output Leakage Current IOL
VSS ≦VI/O≦VCC
1
CE =VIH or CE2 = VIL or
OE = VIH or WE = VIL
- 1
-
1
µA
Output High Voltage
VOH
IOH = - 1mA
2.4
-
-
V
Output Low Voltage
VOL
IOL= 4mA
-
-
0.4
V
ICC
Cycle time=min, 100% duty,
1
CE =VIL, CE2 = VIH,
II/O = 0mA
-35
-55
-70
-
-
-
60
50
40
100
85
70
mA
mA
mA
Average Operating
Power Supply Courrent
ICC1
Cycle time=1µs,100% duty,II/O=0mA
.
1
CE ≦0.2V,CE2≧VCC-0.2V,
other pins at 0.2V or VCC-0.2V,
-
-
10
mA
ISB
1
CE =VIH or CE2 = VIL
other pins at 0.2V or VCC-0.2V,
-
-
3
mA
100
- L
-
2
40*
µA
50
Standby Power
Supply Current
ISB1
1
CE ≧VCC-0.2V or
.CE2≦0.2V
other pins at 0.2V or VCC-0.2V,
-
LL
-
1
15*
µA
*Those parameters are for reference only under 50℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com