Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT621024SC-55LL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UT621024SC-55LL
Description  128K X 8 BIT LOW POWER CMOS SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT621024SC-55LL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UT621024SC-55LL Datasheet HTML 1Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 2Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 3Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT621024SC-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UTRON
UT621024
Rev. 1.5
128K X 8 BIT LOW POWER CMOS SRAM
_________________________________________________________________________________________________
UTRON TECHNOLOGY INC.
P80036
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882 FAX: 886-3-5777919
4
TIMING WAVEFORMS
READ CYCLE 1 (Address Controlled) (1,2,4)
tRC
Address
DOUT
Data Valid
tAA
tOH
tOH
READ CYCLE 2 (
1
CE , CE2 and OE Controlled) (1,3,5,6)
Notes :
1.
WE is HIGH for read cycle.
2. Device is continuously selected
1
CE =VIL and CE2=VIH.
3. Address must be valid prior to or coincident with
1
CE and CE2 transition; otherwise tAA is the limiting parameter.
4.
OE is low.
5. tCLZ1, tCLZ2, tOLZ, tCHZ1, tCHZ2 and tOHZ are specified with CL=5pF. Transition is measured ± 500mV from steady state.
6. At any given temperature and voltage condition, tCHZ1 is less than tCLZ1, tCHZ2 is less than tCLZ2, tOHZ is less than tOLZ.
tRC
tAA
tACE1
tACE2
tOE
tOLZ
tCLZ1
tCLZ2
High-Z
tCHZ1
tCHZ2 t
OHZ
tOH
Data Valid
High-Z
Address
1
CE
CE2
OE
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com