Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0202 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TP0202
Description  P-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202 Datasheet(HTML) 3 Page - Vishay Siliconix

  TP0202 Datasheet HTML 1Page - Vishay Siliconix TP0202 Datasheet HTML 2Page - Vishay Siliconix TP0202 Datasheet HTML 3Page - Vishay Siliconix TP0202 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP0202T
Vishay Siliconix
Document Number: 70208
S-04279—Rev. G, 16-Jul-01
www.vishay.com
11-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Characteristics
Transfer Characteristics
Capacitance
Gate Charge
On-Resistance vs. Gate-Source Voltage
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
ID – Drain Current (A)
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
0
20
40
60
80
100
120
140
160
180
0
1000
2000
3000
4000
5000
6000
0
1
2
3
4
5
0
1
2
3
4
5
25
_C
TA = –55_C
Crss
Coss
Ciss
VGS = –4.5 V
125
_C
ID = –200 mA
–3 V
–4 V
–5 V
VGS = –10 thru –6 V
ID = –200 mA
ID = –50 mA
VDS = –16 V
VDS = –10 V
VGS = –10 V
VGS = –0 V
f = 1 MHz
–20
–15
–10
–5
0
–0.1
–0.2
–0.3
–0.4
–0.5
0.0
–1.0
–0.8
–0.6
–0.4
–0.2
0.0
0.0
–1.5
–3.0
–4.5
–6.0
–0.8
–0.6
–0.4
–0.2
0.0
0
–1
–2
–3
–4
0
–4
–8
–12
–16
–20
0
–4
–8
–12
–16
–20



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com