Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0202 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP0202
Description  P-Channel 20-V (D-S) MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202 Datasheet(HTML) 4 Page - Vishay Siliconix

  TP0202 Datasheet HTML 1Page - Vishay Siliconix TP0202 Datasheet HTML 2Page - Vishay Siliconix TP0202 Datasheet HTML 3Page - Vishay Siliconix TP0202 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TP0202T
Vishay Siliconix
www.vishay.com
11-4
Document Number: 70208
S-04279—Rev. G, 16-Jul-01
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
Threshold Voltage Variance Over Temperature
VSD – Source-to-Drain Voltage (V)
TJ – Junction Temperature (
_C)
TJ – Junction Temperature (
_C)
–0.50
–0.25
0.00
0.25
0.50
–50
–25
0
25
50
75
100
125
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–50
–25
0
25
50
75
100
125
150
VGS = –4.5 V
ID = –50 mA
VGS = –10 V
ID = –200 mA
ID = –250 mA
TA = 150_C
TA = 25_C
–10.000
–1.000
–0.100
–0.010
–0.001
0
–0.4
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com