| Electronic Components Datasheet Search |
|
N5393D Datasheet(PDF) 21 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
N5393D Datasheet(HTML) 21 Page - Keysight Technologies |
|
21 / 25 page ![]() 21 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet Assertion no. Description Keysight PCI Express SigTest Transmitter tests PHY.3.1#26 DC common mode voltage Y N PHY.3.2#1 De-emphasis on multiple bits same polarity in succession Y N PHY.3.2#2 Transition bit voltage Y N PHY.3.3#1 Transmitter eye diagram Y N PHY.3.3#2 Unit interval without SSC variations Y N PHY.3.3#3 Minimum D+/D- output rise/fall time Y N PHY.3.3#4 Jitter median to max deviation Y N PHY.3.3#5 Maximum RMS AC common mode voltage Y N PHY.3.3#9 Minimum eye width Y N Receiver tests PHY.3.4#1 Minimum receiver eye diagram Y 1 N PHY.3.4#2 AC peak common mode input voltage Y 1 N PHY.3.4#6 Jitter median to max deviation input Y 1 N System board (connector) tests EM.4#4 Minimum jitter Y Y EM.4#20 Transmitter path eye diagram Y Y Reference clock (connector) tests PHY.3.3#2 Phase jitter Y N/A 1 PHY.3.3#1 Rising edge rate Y N/A PHY.3.3#1 Falling edge rate Y N/A PHY.3.3#4 Differential input high voltage Y N/A PHY.3.3#4 Differential input low voltage Y N/A PHY.3.3#9 Average clock period Y N/A PHY.3.2#2 Duty cycle Y N/A Add-in card (connector) tests EM.4#13 Minimum jitter Y Y EM.4#19 Transmitter path eye diagram Y Y 1. Receiver tests provided by the Keysight PCI Express software are listed under the PCIe 1.x or 2.0 test tabs do not validate the receiver’s tolerance or ability to correctly receive data. They validate the signal at the receiver against specified tolerances. Tests Performed The PCI Express electrical performance validation and compliance software performs the following tests as per the PCI Express 1.0a and 1.1 electrical specifications for add-in cards and motherboard systems as documented in Section 4 of the base specification (“PHY”) and Section 4 of the card electromechanical specification (“EM”). For reference, the tests performed by the SigTest application are also noted. For Gen2 testing coverage, the PCI-SIG decided not to create checklist, as was done for Gen1. For test coverage refer to section 4.7.2. Table 4-8 of the PCI Express 2.0 Card Electromechanical Specification. For PCI Express 3.0, test coverage includes items listed on table 4-18 under section 4.3.3 of the PCI Express 3.0 Base Specification. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |