Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N5393D Datasheet(PDF) 22 Page - Keysight Technologies

Part # N5393D
Description  PCI Express짰 3.0 (Gen3) Software
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N5393D Datasheet(HTML) 22 Page - Keysight Technologies

Back Button N5393D Datasheet HTML 17Page - Keysight Technologies N5393D Datasheet HTML 18Page - Keysight Technologies N5393D Datasheet HTML 19Page - Keysight Technologies N5393D Datasheet HTML 20Page - Keysight Technologies N5393D Datasheet HTML 21Page - Keysight Technologies N5393D Datasheet HTML 22Page - Keysight Technologies N5393D Datasheet HTML 23Page - Keysight Technologies N5393D Datasheet HTML 24Page - Keysight Technologies N5393D Datasheet HTML 25Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22 | Keysight | N5393D PCI Express® 3.0 (Gen3) Software for Infiniium Oscilloscopes - Data Sheet
Ordering Information
PCIe switch matrix support
License type
Infiniium Z-Series
Infiniium S-Series
Infiniium 90000 Series
Fixed
Factory-installed
N5393D-7FP
N5393E-7FP 1
Option 705
User-installed
N5393D-7FP
N5393E-7FP 1
N5393D-7NL
Floating
Transportable
N5393D-7TP
N5393E-7TP 1
N5393D-7TP
Server-based
N5435A-705
PCIe 3.0 BASE spec receiver test calibration
License type
Infiniium Z-Series
Infiniium S-Series
Infiniium 90000 Series
Fixed
Factory-installed
N5393D-4FP
User-installed
N5393D-4FP
N5393D-4NL
Floating
Transportable
N5393D-4TP
N5393D-4TP
Server-based
PCIe 3.x transmitter testing
License type
Infiniium Z-Series
Infiniium S-Series
Infiniium 90000 Series
Fixed
Factory-installed
N5393D-1FP
Option 044
User-installed
N5393D-1FP
N5393D-1NL
Floating
Transportable
N5393D-1TP
N5393D-1TP
Server-based
N5435A-040
Upgrade to PCIe 3.0 transmitter testing
License type
Infiniium Z-Series
Infiniium S-Series
Infiniium 90000 Series
Fixed
Factory-installed
User-installed
N5393D-2FP
N5393D-2NL
Floating
Transportable
Server-based
PCI Express 1.x and 2.x transmitter testing
License type
Infiniium Z-Series
Infiniium S-Series
Infiniium 90000 Series
Fixed
Factory-installed
N5393D-3FP
N5393E-3FP 1
Option 022
User-installed
N5393D-3FP
N5393E-3FP 1
N5393D-3NL
Floating
Transportable
N5393D-3TP
N5393E-3TP 1
N5393D-3TP
Server-based
N5435A-009
1. The S-Series oscilloscope is limited to a maximum bandwidth of 8 GHz which is sufficient bandwidth only for 2.5 GT/s (PCIe 1.x) transmitter measurements.
Transmitter measurements for 5GT/s (PCIe 2.x) and 8 GTs (PCIe 3.x) require a minimum scope bandwidth of 12 GHz; however, PCIe 2.x clock phase jitter
measurements can be made with the S-Series oscilloscope and are thus enabled with this license. 5GT/s transmitter measurements are not enabled on the
S-Series oscilloscope as a higher minimum bandwidth is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com