Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS81003 Datasheet(PDF) 32 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 32 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 28Page - Microchip Technology UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
UCS81003
DS20005334A-page 32
 2014 Microchip Technology Inc.
6.0
USB HIGH-SPEED DATA
SWITCH
The UCS81003 contains a series USB 2.0-compliant
high-speed switch between the DPIN and DMIN pins and
between the DPOUT and DMOUT pins. This switch is
designed for high-speed, low-latency functionality to
allow
USB
2.0
full-speed
and
high-speed
communications with minimal interference.
Nominally, the switch is closed in the Active state,
allowing uninterrupted USB communications between
the upstream host and the portable device. The switch
is opened when:
• The UCS81003 is actively emulating using any of
the charger emulation profiles except CDP (by
default - see Section 10.4.5 “High-Speed
Switch Configuration Register”)
• The UCS81003 is operating as a dedicated
charger unless the HSW_DCE configuration bit is
set (see Section 10.4.5 “High-Speed Switch
Configuration Register”)
• The UCS81003 is in the Detect state (by default)
or in the Sleep state
6.1
USB-IF High-Speed Compliance
The USB data switch will not significantly degrade the
signal integrity through the device DP/DM pins with
USB high-speed communications.
Note:
If the VDD voltage is less than VDD_TH, the
high-speed data switch will be disabled
and opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com