Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS81003 Datasheet(PDF) 7 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 7 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 3Page - Microchip Technology UCS81003 Datasheet HTML 4Page - Microchip Technology UCS81003 Datasheet HTML 5Page - Microchip Technology UCS81003 Datasheet HTML 6Page - Microchip Technology UCS81003 Datasheet HTML 7Page - Microchip Technology UCS81003 Datasheet HTML 8Page - Microchip Technology UCS81003 Datasheet HTML 9Page - Microchip Technology UCS81003 Datasheet HTML 10Page - Microchip Technology UCS81003 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 7
UCS81003
Propagation Delay Skew
t
PD
—25
ps
RTERM =50, CLOAD =5 pF
Rise/Fall Time
tF/R
—10
ns
RTERM =50, CLOAD =5 pF
DP – DM Crosstalk
XTALK
—-40
dB
RTERM =50, CLOAD =5 pF
Off Isolation
OIRR
—-30
dB
RTERM =50, CLOAD =5 pF,
f= 240 MHz
-3 dB Bandwidth
BW
1100
MHz
RTERM =50, CLOAD =5 pF,
VDPOUT =VDMOUT =350 mV DC
Total Jitter
tJ
—200
ps
RTERM =50, CLOAD =5 pF,
Rise Time = Fall Time = 500 ps
at 480 Mbps (PRBS = 215 –1)
Skew of Opposite
Transitions of the Same
Output
tSK(P)
—20
ps
RTERM =50, CLOAD =5 pF
Port Power Switch
Port Power Switch - DC Parameter
Overvoltage Lockout
VS_OV
—6
V
On Resistance
RON_PSW
—55
m
4.75V < VS < 5.25V
VS Leakage Current
ILEAK_VS
2.22
µA
Sleep state into VS pin
Back-Voltage Protection
Threshold
VBV_TH
—150
mV
VBUS > VS,
VS > VS_UVLO
Back-Drive Current
IBD_1
—0
3
µA
VDD < VDD_TH,
Any powered power pin to any
unpowered power pin. Current
out of unpowered pin (Note 3).
IBD_2
—0
2
µA
VDD < VDD_TH,
Any powered power pin to any
unpowered power pin, except
for VDD to VBUS in Detect
power state and VS to VBUS in
Active Power state. Current
out of unpowered pin (Note 3).
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TJ = -40°C to +125°C; all Typical values at VDD = VS = 5V, TJ = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and is not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS81003 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Minimum and Maximum values represent the boundaries of a programmable range. Each value in the
range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com