Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1003-3 Datasheet(PDF) 33 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 33 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 29Page - Microchip Technology UCS1003-3 Datasheet HTML 30Page - Microchip Technology UCS1003-3 Datasheet HTML 31Page - Microchip Technology UCS1003-3 Datasheet HTML 32Page - Microchip Technology UCS1003-3 Datasheet HTML 33Page - Microchip Technology UCS1003-3 Datasheet HTML 34Page - Microchip Technology UCS1003-3 Datasheet HTML 35Page - Microchip Technology UCS1003-3 Datasheet HTML 36Page - Microchip Technology UCS1003-3 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 33
UCS1003-1/2/3
5.1
UCS1003-1/2/3 Power States
The UCS1003-1/2/3 has the following power states
listed in Table 5-1.
TABLE 5-1:
POWER STATES DESCRIPTION
State
Description
Off
This power state is entered when the voltage at the VDD pin voltage is < VDD_TH. In this state, the device
is considered “off”. The UCS1003-1/2/3 devices will not retain their digital states. UCS1003-1 will not
retain register contents, nor respond to SMBus/I2C communications. The port power switch, bypass
switch and the high-speed data switches will be off. See Section 5.1.1 “OFF State Operation”.
Sleep
This is the lowest power state available. While in this state, the UCS1003-1/2/3 devices will retain digital
functionality and respond to changes in emulation controls. UCS1003-1 will wake to respond to SMBus/I2C
communications. The high-speed switch and all other functionality will be disabled. See Section 5.1.2
“Sleep State Operation”
.
Detect
This is a low-current power state. In this state, the device is actively looking for a portable device to be
attached. The high-speed switch is disabled by default. While in this state, the UCS1003-1 will retain the
configuration and charge rationing data, but it will not monitor the bus current. SMBus/I2C
communications will be fully functional. See Section 5.1.3 “Detect State Operation”.
Error
This power state is entered when a Fault condition exists. See Section 5.1.5 “Error State Operation”.
Active
This power state provides full functionality. While in this state, operations include activation of the port
power switch, USB data line handshaking/charger emulation, current limiting and charge rationing. See
Section 5.1.4 “Active State Operation”
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com