Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCS1003-3 Datasheet(PDF) 41 Page - Microchip Technology

Part # UCS1003-3
Description  USB Port Power Controller with Charger Emulation
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1003-3 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UCS1003-3 Datasheet HTML 37Page - Microchip Technology UCS1003-3 Datasheet HTML 38Page - Microchip Technology UCS1003-3 Datasheet HTML 39Page - Microchip Technology UCS1003-3 Datasheet HTML 40Page - Microchip Technology UCS1003-3 Datasheet HTML 41Page - Microchip Technology UCS1003-3 Datasheet HTML 42Page - Microchip Technology UCS1003-3 Datasheet HTML 43Page - Microchip Technology UCS1003-3 Datasheet HTML 44Page - Microchip Technology UCS1003-3 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
 2014-2015 Microchip Technology Inc.
DS20005346B-page 41
UCS1003-1/2/3
6.0
USB HIGH-SPEED DATA
SWITCH
The UCS1003-1/2/3 family contains a series USB 2.0
compliant, high-speed switch between the DPIN and
DMIN pins, and between the DPOUT and DMOUT pins.
This switch is designed for high-speed, low-latency
functionality to allow USB 2.0 full-speed and high-speed
communications with minimal interference.
Nominally, the switch is closed in the Active state,
allowing uninterrupted USB communications between
the upstream host and the portable device. The switch
is opened when:
• The UCS1003-1/2/3 family is actively emulating,
using any of the charger emulation profiles
except CDP (by default – see Section 10.4.5
“High-Speed Switch Configuration Register”
)
• The UCS1003-1/2/3 family is operating as a
dedicated charger unless the HSW_DCE
Configuration bit is set (see Section 10.4.5
“High-Speed Switch Configuration Register”
)
• The UCS1003-1/2/3 family is in the Detect state
(by default) or in the Sleep state
6.1
USB-IF High-Speed Compliance
The USB data switch will not significantly degrade the
signal integrity through the device DP/DM pins with
USB high-speed communications.
Note:
If the VDD voltage is less than VDD_TH, the
high-speed data switch will be disabled
and opened.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com