Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-PD6722 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 2 Page - Cirrus Logic

  CL-PD6722 Datasheet HTML 1Page - Cirrus Logic CL-PD6722 Datasheet HTML 2Page - Cirrus Logic CL-PD6722 Datasheet HTML 3Page - Cirrus Logic CL-PD6722 Datasheet HTML 4Page - Cirrus Logic CL-PD6722 Datasheet HTML 5Page - Cirrus Logic CL-PD6722 Datasheet HTML 6Page - Cirrus Logic CL-PD6722 Datasheet HTML 7Page - Cirrus Logic CL-PD6722 Datasheet HTML 8Page - Cirrus Logic CL-PD6722 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 128 page
background image
PRELIMINARY DATA SHEET v3.1
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
2
The chips provide fully buffered PC Card interfaces,
meaning that no external logic is required for buffer-
ing signals to/from the interface, and power con-
sumption can be controlled by limiting signal
transitions on the PC Card bus.
Personal computer applications typically access PC
Cards through a third-party socket/card-services
software interface. To assure full compatibility with
industry-standard socket/card-services software and
PC Card applications, the register set in the
CL-PD6710 and CL-PD6722 is a superset of the
Intel® 82365SL register set.
Notebook Computer Design Priorities
Supporting Features
s Small Form Factor
Ì Single-chip solutions
Ì No external buffers for host or socket
Ì Efficient board layout
s Minimum Power Consumption
Ì Automatic Low-Power Dynamic mode
Ì Hardware- and software-controlled Suspend modes
Ì Mixed-voltage operation
s High Performance
Ì Write cache
Ì Programmable timing supports more cards, faster
reads and writes
Ì Automatic bus sizing for 8- or 16-bit
Ì DMA available with the CL-PD6722
s Compatibility
Ì Compliant with PC Card Standard, PCMCIA 2.1, and
JEIDA 4.1
Ì 82365SL A-step register-compatible,
ExCA
™-compatible
Host Adapter Form Factor
Card
1 3/8"
CL-PD6710
144-Pin VQFP
VCC
VPP
and
Switch-
Cir-
CL-PD6722
208-Pin
ing
1 9/16"
OVERVIEW (cont.)
cuitry
Card
VCC
VPP
and
Switch-
Cir-
ing
cuitry
PQFP or VQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com