Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-PD6722 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CL-PD6722
Description  ISA-TOOPC-CARD HOST ADAPTERS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CL-PD6722 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CL-PD6722 Datasheet HTML 45Page - Cirrus Logic CL-PD6722 Datasheet HTML 46Page - Cirrus Logic CL-PD6722 Datasheet HTML 47Page - Cirrus Logic CL-PD6722 Datasheet HTML 48Page - Cirrus Logic CL-PD6722 Datasheet HTML 49Page - Cirrus Logic CL-PD6722 Datasheet HTML 50Page - Cirrus Logic CL-PD6722 Datasheet HTML 51Page - Cirrus Logic CL-PD6722 Datasheet HTML 52Page - Cirrus Logic CL-PD6722 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
CL-PD6710/’22
ISA–to–PC-Card Host Adapters
May 1997
49
PRELIMINARY DATA SHEET v3.1
I/O WINDOW MAPPING REGISTERS
7.
I/O WINDOW MAPPING REGISTERS
The I/O windows must never include 3E0h and 3E1h.
7.1
I/O Window Control
Bit 0 — I/O Window 0 Size
When bit 1 below is ‘0’, this bit determines the size of the data path to I/O Window 0. When bit 1
is ‘1’, this bit is ignored.
Bit 1 — Auto-Size I/O Window 0
This bit determines the data path to I/O Window 0. Note that when this bit is ‘1’, the -IOIS16 signal
(see page 17) determines the width of the data path to the card.
Bit 3 — Timing Register Select 0
This bit determines the access timing specification for I/O Window 0 (see page 72).
Bit 4 — I/O Window 1 Size
When bit 5 below is ‘0’, this bit determines the size of the data path to I/O Window 1. When bit 5
is ‘1’, this bit is ignored.
Bit 5 — Auto-Size I/O Window 1
This bit determines the width of the data path to I/O Window 1. Note that when this bit is ‘1’, the
-IOIS16 signal (see page 17) determines the window size. This bit must be set for proper ATA
mode operation (see Chapter 11).
Register Name: I/O Window Control
Index: 07h
Register Per: socket
Register Compatibility Type: 365
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Timing
Register
Select 1
Compatibility
Bit
Auto-Size I/O
Window 1
I/O Window 1
Size
Timing
Register
Select 0
Compatibility
Bit
Auto-Size I/O
Window 0
I/O Window 0
Size
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
RW:0
0
8-bit data path to I/O Window 0.
1
16-bit data path to I/O Window 0.
0
I/O Window 0 Size (see bit 0 above) determines the data path to I/O Window 0.
1
The data path to I/O Window 0 will be determined based on -IOIS16 returned by the card.
0
Accesses made with timing specified in Timing Set 0.
1
Accesses made with timing specified in Timing Set 1.
0
8-bit data path to I/O Window 1.
1
16-bit data path to I/O Window 1.
0
I/O Window 1 Size (see bit 4) determines the data path to I/O Window 1.
1
The data path to I/O Window 1 will be determined based on -IOIS16 returned by the card.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com