Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0504N Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC0504N
Description  4-Line Ultra Low Capacitance TVS Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC0504N Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC0504N Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC0504N Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC0504N Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC0504N
4-Line Ultra Low Capacitance TVS Diode Array
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±18kV
Contact discharge: ±15kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 5A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN2020-6
Pin Configuration
Mechanical Characteristics
●
Package: DFN1616-6
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:3,000pcs
●
Reel Size:7inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
100
W
ESD per IEC 61000−4−2 (Air)
VESD
±18
Kv
ESD per IEC 61000−4−2 (Contact)
±15
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - LC0504N

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
LC0504NP10 SOCAY-LC0504NP10 Datasheet
282Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
logo
Shanghai Leiditech Elec...
LC0504NP10 LEIDITECH-LC0504NP10 Datasheet
169Kb / 3P
LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - LC0504N

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0502N LEIDITECH-LC0502N Datasheet
108Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0504PL6 LEIDITECH-LC0504PL6 Datasheet
130Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
LC0518MA LEIDITECH-LC0518MA Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
ULC0504M LEIDITECH-ULC0504M Datasheet
286Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Applied Power Microelec...
AR0504S6 APMICRO-AR0504S6 Datasheet
745Kb / 4P
4-Line Ultra Low Capacitance TVS Diode Array
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
SP3003-04ATG LEIDITECH-SP3003-04ATG Datasheet
394Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4E1U06DCKR LEIDITECH-TPD4E1U06DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
TPD4S009DCKR LEIDITECH-TPD4S009DCKR Datasheet
415Kb / 3P
4-Line Ultra Low Capacitance TVS Diode Array
Rev : 01.06.2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com