Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8A2PD Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # STW8A2PD
Description  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button STW8A2PD Datasheet HTML 14Page - Seoul Semiconductor STW8A2PD Datasheet HTML 15Page - Seoul Semiconductor STW8A2PD Datasheet HTML 16Page - Seoul Semiconductor STW8A2PD Datasheet HTML 17Page - Seoul Semiconductor STW8A2PD Datasheet HTML 18Page - Seoul Semiconductor STW8A2PD Datasheet HTML 19Page - Seoul Semiconductor STW8A2PD Datasheet HTML 20Page - Seoul Semiconductor STW8A2PD Datasheet HTML 21Page - Seoul Semiconductor STW8A2PD Datasheet HTML 22Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
18
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 7, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
F11
F21
F31
F41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3996
0.4015
0.4071
0.4052
0.4146
0.4089
0.4223
0.4127
0.3969
0.3934
0.4042
0.3969
0.4114
0.4005
0.4187
0.4041
0.4042
0.3969
0.4114
0.4005
0.4187
0.4041
0.4261
0.4077
0.4071
0.4052
0.4146
0.4089
0.4223
0.4127
0.4299
0.4165
F12
F22
F32
F42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3969
0.3934
0.4042
0.3969
0.4114
0.4005
0.4187
0.4041
0.3943
0.3853
0.4012
0.3886
0.4082
0.3920
0.4152
0.3955
0.4012
0.3886
0.4082
0.3920
0.4152
0.3955
0.4223
0.3990
0.4042
0.3969
0.4114
0.4005
0.4187
0.4041
0.4261
0.4077
F13
F23
F33
F43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3943
0.3853
0.4012
0.3886
0.4082
0.3920
0.4152
0.3955
0.3916
0.3771
0.3983
0.3803
0.4049
0.3836
0.4117
0.3869
0.3983
0.3803
0.4049
0.3836
0.4117
0.3869
0.4185
0.3902
0.4012
0.3886
0.4082
0.3920
0.4152
0.3955
0.4223
0.3990
F14
F24
F34
F44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3916
0.3771
0.3983
0.3803
0.4049
0.3836
0.4117
0.3869
0.3889
0.3690
0.3953
0.3721
0.4017
0.3751
0.4082
0.3783
0.3953
0.3721
0.4017
0.3751
0.4082
0.3783
0.4147
0.3814
0.3983
0.3803
0.4049
0.3836
0.4117
0.3869
0.4185
0.3902
0.39
0.40
0.41
0.42
0.43
0.37
0.38
0.39
0.40
0.41
0.42
F44
F43
3200K
3500K
3700K
F41
F31
F21
F11
CIE X
F32
F42
F22
F12
F33
F23
F13
F34
F24
F14
CIE Chromaticity Diagram (Warm white), T
j=25℃, IF=65mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com