Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW8A2PD Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW8A2PD
Description  Market Standard 3528 Package Size
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW8A2PD Datasheet HTML 1Page - Seoul Semiconductor STW8A2PD Datasheet HTML 2Page - Seoul Semiconductor STW8A2PD Datasheet HTML 3Page - Seoul Semiconductor STW8A2PD Datasheet HTML 4Page - Seoul Semiconductor STW8A2PD Datasheet HTML 5Page - Seoul Semiconductor STW8A2PD Datasheet HTML 6Page - Seoul Semiconductor STW8A2PD Datasheet HTML 7Page - Seoul Semiconductor STW8A2PD Datasheet HTML 8Page - Seoul Semiconductor STW8A2PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.1, Sep 7, 2016
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Product Selection Guide, I
F = 65mA, Tj = 25ºC, RH30%
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
(2) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
The luminous intensity IV was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
(3) The lumen table is only for reference.
Notes :
Part Number
CCT (K)
[1]
RANK
Luminous Intensity
[2]
Luminous Flux
[3]
CRI
IV (cd)
ФV (lm)
Ra
Typ.
Min
Max
Min
Max
Min.
STW8A2PD
6500
S5
9.5
10.0
29.5
31.0
80
T0
10.0
10.5
31.0
32.6
80
T5
10.5
11.0
32.6
34.1
80
5600
S5
9.5
10.0
29.5
31.0
80
T0
10.0
10.5
31.0
32.6
80
T5
10.5
11.0
32.6
34.1
80
5000
T0
10.0
10.5
31.0
32.6
80
T5
10.5
11.0
32.6
34.1
80
4500
T0
10.0
10.5
30.5
32.0
80
T5
10.5
11.0
32.0
33.6
80
4000
T0
10.0
10.5
30.5
32.0
80
T5
10.5
11.0
32.0
33.6
80
3500
S5
9.5
10.0
28.5
30.0
80
T0
10.0
10.5
30.0
31.5
80
T5
10.5
11.0
31.5
33.0
80
3000
S5
9.5
10.0
28.5
30.0
80
T0
10.0
10.5
30.0
31.5
80
T5
10.5
11.0
31.5
33.0
80
2700
S5
9.5
10.0
28.5
30.0
80
T0
10.0
10.5
30.0
31.5
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com