Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2586 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 16Page - National Semiconductor (TI) LM2586 Datasheet HTML 17Page - National Semiconductor (TI) LM2586 Datasheet HTML 18Page - National Semiconductor (TI) LM2586 Datasheet HTML 19Page - National Semiconductor (TI) LM2586 Datasheet HTML 20Page - National Semiconductor (TI) LM2586 Datasheet HTML 21Page - National Semiconductor (TI) LM2586 Datasheet HTML 22Page - National Semiconductor (TI) LM2586 Datasheet HTML 23Page - National Semiconductor (TI) LM2586 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Typical Boost Regulator Applications (Continued)
Figure 34 contains a table of standard inductors, by part number and corresponding manufacturer, for the fixed output regulator
of
Figure 33.
Coilcraft
(Note 20)
Pulse
(Note 21)
Renco
(Note 22)
Schott
(Note 23)
Schott
(Note 23)
(Surface Mount)
DO3316-153
PE-53898
RL-5471-7
67146510
67146540
Note 20: Coilcraft Inc.,
Phone: (800) 322-2645
1102 Silver Lake Road, Cary, IL 60013
Fax: (708) 639-1469
European Headquarters, 21 Napier Place
Phone: +44 1236 730 595
Wardpark North, Cumbernauld, Scotland G68 0LL
Fax: +44 1236 730 627
Note 21: Pulse Engineering Inc.,
Phone: (619) 674-8100
12220 World Trade Drive, San Diego, CA 92128
Fax: (619) 674-8262
European Headquarters, Dunmore Road
Phone: +353 93 24 107
Tuam, Co. Galway, Ireland
Fax: +353 93 24 459
Note 22: Renco Electronics Inc.,
Phone: (800) 645-5828
60 Jeffryn Blvd. East, Deer Park, NY 11729
Fax: (516) 586-5562
Note 23: Schott Corp.,
Phone: (612) 475-1173
1000 Parkers Lane Road, Wayzata, MN 55391
Fax: (612) 475-1786
FIGURE 34. Inductor Selection Table
DS012516-55
FIGURE 35. +12V to +24V Boost Regulator
DS012516-56
FIGURE 36. +24V to +36V Boost Regulator
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com