Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2586 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2586
Description  SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2586 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LM2586 Datasheet HTML 20Page - National Semiconductor (TI) LM2586 Datasheet HTML 21Page - National Semiconductor (TI) LM2586 Datasheet HTML 22Page - National Semiconductor (TI) LM2586 Datasheet HTML 23Page - National Semiconductor (TI) LM2586 Datasheet HTML 24Page - National Semiconductor (TI) LM2586 Datasheet HTML 25Page - National Semiconductor (TI) LM2586 Datasheet HTML 26Page - National Semiconductor (TI) LM2586 Datasheet HTML 27Page - National Semiconductor (TI) LM2586 Datasheet HTML 28Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Application Hints (Continued)
OUTPUT VOLTAGE LIMITATIONS
The maximum output voltage of a boost regulator is the
maximum switch voltage minus a diode drop. In a flyback
regulator, the maximum output voltage is determined by the
turns ratio, N, and the duty cycle, D, by the equation:
V
OUT ≈ NxVIN xD/(1−D)
The duty cycle of a flyback regulator is determined by the fol-
lowing equation:
Theoretically, the maximum output voltage can be as large
as desired — just keep increasing the turns ratio of the trans-
former. However, there exists some physical limitations that
prevent the turns ratio, and thus the output voltage, from in-
creasing to infinity. The physical limitations are capacitances
and inductances in the LM2586 switch, the output diode(s),
and the transformer — such as reverse recovery time of the
output diode (mentioned above).
NOISY INPUT LINE CONDITION
A small, low-pass RC filter should be used at the input pin of
the LM2586 if the input voltage has an unusually large
amount of transient noise, such as with an input switch that
bounces. The circuit in
Figure 44 demonstrates the layout of
the filter, with the capacitor placed from the input pin to
ground and the resistor placed between the input supply and
the input pin. Note that the values of R
IN and CIN shown in
the schematic are good enough for most applications, but
some readjusting might be required for a particular applica-
tion. If efficiency is a major concern, replace the resistor with
a small inductor (say 10 µH and rated at 200 mA).
STABILITY
All current-mode controlled regulators can suffer from an in-
stability, known as subharmonic oscillation, if they operate
with a duty cycle above 50%. To eliminate subharmonic os-
cillations, a minimum value of inductance is required to en-
sure stability for all boost and flyback regulators. The mini-
mum inductance is given by:
where V
SAT is the switch saturation voltage and can be
found in the Characteristic Curves.
DS012516-63
FIGURE 44. Input Line Filter
DS012516-64
FIGURE 45. Circuit Board Layout
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com