Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAB1002001 Datasheet(PDF) 2 Page - Power System Technology

Part # FAB1002001
Description  FAB1002001
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB1002001 Datasheet(HTML) 2 Page - Power System Technology

  FAB1002001 Datasheet HTML 1Page - Power System Technology FAB1002001 Datasheet HTML 2Page - Power System Technology FAB1002001 Datasheet HTML 3Page - Power System Technology FAB1002001 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Safety :
built to meet EN60950
Storage temperature :
-40°C to +100°C
Operating temperature :
-40°C to +100)C baseplate,
conduction cooled with wedge lock to the chassis
Mechanical, shock, acceleration : built to meet MIL-STD-810E
Input to Chassis :
> 20 mohm / 100Vdc
Input to Output :
> 20 mohm / 100Vdc
18V / 8A to chassis : > 20 mohm / 100Vdc
No isolation between 5V, 3V3, +/-12 and chassis
0V on chassis
Output DC OK :
open collector closed is OK, (PG-H, PG-L) and led on front panel
Output adjust :
factory adjustable by internal resistor
ON/OFF :
ON when Low level or left open
Input OK :
led on front panel
OTP :
overtemperature protection
MIL-STD-461E
built to meet CE01, CE02 (Additionnal external filter)
MIL-STD-1275A
Active input protection 60V/100ms
MIL-STD-704A
Transient
FAB1002001 Rev. 00
Page 2 of 4
www.powersystemtechnology.com
Signal
Environmental
EMI / EMC
Isolation
GENERAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com